Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRVS222X02F Datasheet(PDF) 2 Page - STMicroelectronics

Part # STRVS222X02F
Description  ST repetitive voltage suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS222X02F Datasheet(HTML) 2 Page - STMicroelectronics

  STRVS222X02F Datasheet HTML 1Page - STMicroelectronics STRVS222X02F Datasheet HTML 2Page - STMicroelectronics STRVS222X02F Datasheet HTML 3Page - STMicroelectronics STRVS222X02F Datasheet HTML 4Page - STMicroelectronics STRVS222X02F Datasheet HTML 5Page - STMicroelectronics STRVS222X02F Datasheet HTML 6Page - STMicroelectronics STRVS222X02F Datasheet HTML 7Page - STMicroelectronics STRVS222X02F Datasheet HTML 8Page - STMicroelectronics STRVS222X02F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
STRVSX
2/13
DocID023950 Rev 2
1
Characteristics
Table 2. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature range (SMB and SMC)
-55 to 150
°C
Operating junction temperature range (DO-15 and DO-201)
-55 to 175
°C
Tstg
Storage temperature range (SMB and SMC)
-65 to 150
°C
Storage temperature range (DO-15 and DO-201)
-65 to 175
°C
TL
Maximum lead temperature for soldering during 10 s (SMB and SMC)
260
°C
Maximum lead temperature for soldering during 10 s at 5 mm from case
(DO-15 and DO-201)
260
°C
Table 3. Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
SMB
13
°C/W
SMC
12
DO-15
35
DO-201
23
Rth(j-a)
Junction to ambient(1)
SMB
185
SMC
150
DO-15
105
DO-201
100
1. On printed circuit with recommended pad layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com