Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX64B Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BDX64B
Description  PNP SILICON DARLINGTON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX64B Datasheet(HTML) 1 Page - Comset Semiconductor

  BDX64B Datasheet HTML 1Page - Comset Semiconductor BDX64B Datasheet HTML 2Page - Comset Semiconductor BDX64B Datasheet HTML 3Page - Comset Semiconductor BDX64B Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BDX64 – A – B – C
24/10/2012
COMSET SEMICONDUCTORS
1 | 4
P
PN
NP
P SILICON DARLINGTON POWER TRANSISTOR
The BDX64, BDX64A, BDX64B and BDX64C are mounted in TO-3 metal package.
High current power darlingtons designed for power amplification and switching applications.
The complementary NPN are BDX65, BDX65A, BDX65B, BDX65C.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
BDX64
-60
V
BDX64A
-80
BDX64B
-100
BDX64C
-120
VCEV
Collector-EmitterVoltage
VBE=-1.5 V
BDX64
-60
V
BDX64A
-80
BDX64B
-100
BDX64C
-120
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
IC(RMS)
-12
A
ICM
-16
IB
Base Current
0.2
A
PT
Power Dissipation
@ TC = 25°
117
W
TJ
Junction Temperature
-55 to +200
°C
TS
Storage Temperature
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.5
°C/W


Similar Part No. - BDX64B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64B ETC-BDX64B Datasheet
169Kb / 5P
PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX64B COMSET-BDX64B Datasheet
152Kb / 4P
PNP SILICON DARLINGTONS
logo
Seme LAB
BDX64B SEME-LAB-BDX64B Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDX64B ISC-BDX64B Datasheet
92Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results

Similar Description - BDX64B

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N6285 COMSET-2N6285 Datasheet
80Kb / 3P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
TIP147T NJSEMI-TIP147T Datasheet
79Kb / 2P
Silicon PNP Darlington Power Transistor
BDW44 NJSEMI-BDW44 Datasheet
137Kb / 2P
Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Zibo Seno Electronic En...
MJ11016 ZSELEC-MJ11016 Datasheet
197Kb / 2P
Silicon PNP Darlington Power Transistor
MJ11032 ZSELEC-MJ11032 Datasheet
195Kb / 2P
Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com