Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4155 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SC4155
Description  FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC4155 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SC4155 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC4155 Datasheet HTML 2Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
〈SMALL-SIGNAL TRANSISTOR〉
2SC4155
FOR LOW FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
2SC4155 is a super mini package resin sealed
silicon NPN epitaxial transistor,
It is designed for low frequency voltage application.
.
FEATURE
●Small collector to emitter saturation voltage.
VCE(sat)=0.3V max
●Excellent linearity of DC forward gain.
●Super mini package for easy mounting
APPLICATION
For Hybrid IC,small type machine low frequency voltage
Amplify application.
※: It shows hFE classification at right table
OUTLINE DRAWING
Unit:mm
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
V
CBO
Collector to Base voltage
50
V
V
CEO
Collector to Emitter voltage
50
V
V
EBO
Emitter to Base voltage
6
V
I
C
Collector current
100
mA
P
C
Collector dissipation
200
mW
T
j
Junction temperature
+150
℃
T
stg
Storage temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Limits
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
C to E break down voltage
V(BR)CEO
I
C=100μA ,R BE=∞
50
-
-
V
Collector cut off current
ICBO
V
CB=50V, I E=0mA
-
-
0.5
μA
Emitter cut off current
IEBO
V
EB=4V, I C=0mA
-
-
0.5
μA
DC forward current gain
hFE
V
CE=6V, I C=1mA
120
-
560
DC forward current gain
hFE
V
CE=6V, I C=0.1mA
70
-
-
C to E Saturation Vlotage
VCE(sat)
I
C=30mA ,IB=1.5mA
-
-
0.3
V
Gain bandwidth product
fT
V
CE=6V, I E=-10mA
-
200
-
MHz
Collector output capacitance
Cob
V
CB=6V, I E=0mA,f=1MHz
-
2.0
-
pF
Item
Q
R
S
hFE
120~270
180~390
270~560
JEITA:SC-70
JEDEC: -
TERMINAL CONNECTER
①:BASE
②:EMITTER
③:COLLECTOR
Type name
hFE Item
H R
MARKING
①
②
1.25
0.425
2.1
③
0.425


Similar Part No. - 2SC4155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC4155 ETC-2SC4155 Datasheet
93Kb / 3P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4155 ETC-2SC4155 Datasheet
93Kb / 3P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
2SC4155 ISAHAYA-2SC4155 Datasheet
134Kb / 2P
SMALL-SIGNAL TRANSISTOR
logo
Foshan Blue Rocket Elec...
2SC4155 FOSHAN-2SC4155 Datasheet
930Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
logo
Isahaya Electronics Cor...
2SC4155A ISAHAYA-2SC4155A Datasheet
133Kb / 2P
SMALL-SIGNAL TRANSISTOR
More results

Similar Description - 2SC4155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC5214 ETC-2SC5214 Datasheet
155Kb / 3P
For Low Frequency Amplify Application Silicon Npn Epitaxial Type
logo
Isahaya Electronics Cor...
2SC5814 ISAHAYA-2SC5814 Datasheet
195Kb / 5P
For Low Frequency Amplify Application Silicon NPN Epitaxial Type
2SC5938A ISAHAYA-2SC5938A Datasheet
89Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4154 ISAHAYA-2SC4154 Datasheet
155Kb / 3P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3052 ISAHAYA-2SC3052_10 Datasheet
189Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3928A ISAHAYA-2SC3928A_11 Datasheet
138Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4155A ISAHAYA-2SC4155A_11 Datasheet
139Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5383 ISAHAYA-2SC5383_10 Datasheet
184Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
INA6002AC1 ISAHAYA-INA6002AC1 Datasheet
70Kb / 3P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
INC6006AS1 ISAHAYA-INC6006AS1 Datasheet
151Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com