Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5482 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SC5482
Description  For Low Frequency Power Amplify Application Silicon NPN Epitaxial Type Micro
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5482 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SC5482 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5482 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5482 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5482 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
〈transistor〉
2SC5482
For Low Frequency Power Amplify Application
Silicon NPN Epitaxial Type Micro(Frame type)
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
2SC5482 is a silicon NPN epitaxial designed for
relay drive or power supply application.
OUTLINE DRAWING
UNIT:mm
TERMINAL CONNECTOR
①:EMITTER
②:COLLECTOR
③:BASE
Item
C
D
E
hFE
55~110
90~180
150~300
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
VCBO
Collector to Base voltage
60
V
VEBO
Emitter to Base voltage
6
V
VCEO
Collector to Emitter voltage
60
V
ICM
Peak collector current
2
A
IC
Collector current
1
A
PC
Collector dissipation
600
mW
Tj
Junction temperature
+150
℃
Tstg
Storage temperature
-55~+150
℃
EIAJ: -
JEDEC: -
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Parameter
Symbol
Test conditions
Limits
Unit
Min
Typ
Max
V(BR)CBO
C to B break down voltage
I
C= 10μA , I E= 0mA
60
-
-
V
V(BR)EBO
E to B break down voltage
I
E=10μA , IC= 0mA
6
-
-
V
V(BR)CEO
C to E break down voltage
I
C=2mA , RBE= ∞
60
-
-
V
ICBO
Collector cut off current
V
CB= 50V , I E= 0mA
-
-
0.2
μA
IEBO
Emitter cut off current
V
EB= 4V , I C= 0mA
-
-
0.2
μA
hFE
DC forward current gain ※
V
CE =4V , IC= 100mA
55
-
300
-
VCE(sat)
C to E Saturation voltage
I
C =500mA , I B= 25mA
-
0.11
0.3
V
fT
Gain bandwidth product
V
CE= 2V , I E= -10mA
-
120
-
MHz
Cob
Collector output capacitance
V
CB= 10V , I E= 0mA,f=1MHz
-
14
-
pF
※
MARKING
4
C
8 2
□□
hFE Item
4.0
2.5
2.5
0.45
0.1
①
②
③


Similar Part No. - 2SC5482

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC5482 ETC-2SC5482 Datasheet
105Kb / 4P
FOR LOW FREQUENCY POWER AMPLIFY APPRICATION SILICON NPN EPITAXIAL TYPE MICRO
logo
Isahaya Electronics Cor...
2SC5482 ISAHAYA-2SC5482 Datasheet
106Kb / 4P
TRANSISTOR
More results

Similar Description - 2SC5482

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC3242 ISAHAYA-2SC3242 Datasheet
150Kb / 4P
FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3244 ISAHAYA-2SC3244 Datasheet
142Kb / 4P
FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5398 ISAHAYA-2SC5398 Datasheet
97Kb / 3P
TRANSISTOR FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE MICRO
2SC3052 ISAHAYA-2SC3052_10 Datasheet
189Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3928A ISAHAYA-2SC3928A_11 Datasheet
138Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4155 ISAHAYA-2SC4155_11 Datasheet
138Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5383 ISAHAYA-2SC5383_10 Datasheet
184Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5395 ISAHAYA-2SC5395_13 Datasheet
209Kb / 4P
For Low Frequency Power Amplify Application Silicon NPN Epitaxial Type Micro
2SC5398 ISAHAYA-2SC5398_12 Datasheet
184Kb / 3P
For Low Frequency Amplify Application Silicon NPN Epitaxial Type Micro
INC6006AS1 ISAHAYA-INC6006AS1 Datasheet
151Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com