Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM2012 Datasheet(PDF) 2 Page - TDK Electronics

Part # ACM2012
Description  Common Mode Filters For automobile signal line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012 Datasheet(HTML) 2 Page - TDK Electronics

  ACM2012_13 Datasheet HTML 1Page - TDK Electronics ACM2012_13 Datasheet HTML 2Page - TDK Electronics ACM2012_13 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(1/2)
001-03 / 20110928 / e9719_acm2012.fm
• All specifications are subject to change without notice.
Common Mode Filters
For Automobile Signal Line
ACM Series ACM2012
FEATURES
• Reliability is achieved at the temperature range of –40 to
+105°C.
• Impedance variation: 4 types of impedance values are prepared
to correspond to the various applications.
• Effective for common mode EMI: It can suppress the common
mode EMI without waveform distortion.
• Lead-free soldering is available.
APPLICATIONS
Radiation noise suppression for Car-Multimedia interface (MOST,
USB2.0, IDB-1394, etc.)
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Impedance[at 100MHz]
900: 90
Ω
(4) Number of line
2P: 2-line
(5) Packaging style
T: ø180mm reel taping
TL: ø330mm reel taping
(6) TDK internal code
RECOMMENDED SOLDERING CONDITIONS
RECOMMENDED TEMPERATURE PROFILE
FOR LEAD-FREE SOLDER
REFLOW PROFILE FOR SOLDER HEAT RESISTANCE
Conformity to RoHS Directive
Operating
–40 to +105°C
Storage(After mount)
–40 to +105°C
Packaging style
Reel
Quantity
Taping
ø180mm
2000 pieces/reel
ø330mm
10000 pieces/reel
ACM
2012 - 361 - 2P - T
001
(1)
(2)
(3)
(4)
(5)
(6)
150˚C
180˚C
Peak 245˚C max.
230˚C
60 to 120s
10 to 30s
Natural
cooling
Time(s)
150˚C
180˚C
Peak 260˚C max.
230˚C
60 to 120s
40s max.
Natural
cooling
Time(s)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com