Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM2012 Datasheet(PDF) 3 Page - TDK Electronics

Part # ACM2012
Description  Common Mode Filters For automobile signal line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012 Datasheet(HTML) 3 Page - TDK Electronics

  ACM2012 Datasheet HTML 1Page - TDK Electronics ACM2012 Datasheet HTML 2Page - TDK Electronics ACM2012 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(2/2)
001-03 / 20110928 / e9719_acm2012.fm
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS
CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
• Operating temperature range: –40 to +105°C
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
ACM2012-900-2P
ACM2012-121-2P
ACM2012-201-2P
ACM2012-361-2P
2.0
±0.2
0.4
1.2
0.4
Dimensions in mm
Wires
Terminations
1
2
4
3
• No polarity
1.1
0.75
14
23
Dimensions in mm
• These products are only for reflow soldering.
Part No.
Common mode Impedance
(
Ω)[at 100MHz]
DC resistance
(
Ω)max.
[1 line]
Rated current
(mA)max.
Rated voltage
(V)max.
typ.
min.
ACM2012-900-2P-T001
90
65
0.19
400
50
ACM2012-121-2P-T001
120
90
0.22
370
50
ACM2012-201-2P-T001
200
150
0.25
350
50
ACM2012-361-2P-T001
360
270
0.50
220
50
1
1
10000
1000
10
100
10
100
1000
10000
Frequency(MHz)
Common mode
Differential mode
1
1
10000
1000
10
100
10
100
1000
10000
Frequency(MHz)
Common mode
Differential mode
1
1
10000
1000
10
100
10
100
1000
10000
Frequency(MHz)
Common mode
Differential mode
1
1
10000
1000
10
100
10
100
1000
10000
Frequency(MHz)
Common mode
Differential mode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com