Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 6 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 6 Page - TDK Electronics

Back Button C2012 Datasheet HTML 2Page - TDK Electronics C2012 Datasheet HTML 3Page - TDK Electronics C2012 Datasheet HTML 4Page - TDK Electronics C2012 Datasheet HTML 5Page - TDK Electronics C2012 Datasheet HTML 6Page - TDK Electronics C2012 Datasheet HTML 7Page - TDK Electronics C2012 Datasheet HTML 8Page - TDK Electronics C2012 Datasheet HTML 9Page - TDK Electronics C2012 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Capacitance Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
Rated Voltage Edc: 2000V Rated Voltage Edc: 630V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
1 nF
4520
1.30 ±0.15
± 10%
C4520X7R3D102K130KE
± 20%
C4520X7R3D102M130KE
2.2 nF
4532
1.30 ±0.15
± 10%
C4532X7R3D222K130KE
± 20%
C4532X7R3D222M130KE
10 nF
2012
1.25 +0.25/-0.20
± 10%
C2012X7R2E103K125AE
± 20%
C2012X7R2E103M125AE
3216
1.15 ± 0.15
± 10%
C3216X7R2J103K115AE
± 20%
C3216X7R2J103M115AE
22 nF
2012
1.25 +0.25/-0.20
± 10%
C2012X7R2E223K125AE
± 20%
C2012X7R2E223M125AE
3216
1.30 ± 0.20
± 10%
C3216X7R2J223K130AE
± 20%
C3216X7R2J223M130AE
47 nF
3225 2.00 +0.30/-0.20
± 10%
C3225X7R2J473K200AE
± 20%
C3225X7R2J473M200AE
100 nF
3216
1.60 +0.30/-0.20
± 10%
C3216X7R2E104K160AE
± 20%
C3216X7R2E104M160AE
3225 2.00 +0.30/-0.20
± 10%
C3225X7R2E104K200AE
± 20%
C3225X7R2E104M200AE
220 nF
3225 2.00 +0.30/-0.20
± 10%
C3225X7R2E224K200AE
± 20%
C3225X7R2E224M200AE
470 nF
2012
1.25 +0.25/-0.20
± 10%
C2012X7R1H474K125AE
± 20%
C2012X7R1H474M125AE
3216
1.60 +0.30/-0.20
± 10%
C3216X7R2A474K160AE
± 20%
C3216X7R2A474M160AE
4532 2.30 +0.30/-0.20
± 10%
C4532X7R2E474K230KE
± 20%
C4532X7R2E474M230KE
1 F
2012
1.25 +0.25/-0.20
± 10%
C2012X7R1H105K125AE
± 20%
C2012X7R1H105M125AE
3216
1.60 +0.30/-0.20
± 10%
C3216X7R2A105K160AE
C3216X7R1H105K160AE
± 20%
C3216X7R2A105M160AE
C3216X7R1H105M160AE
5750 2.30 +0.30/-0.20
± 10%
C5750X7R2E105K230KE
± 20%
C5750X7R2E105M230KE
2.2 F
3216
1.60 +0.30/-0.20
± 10%
C3216X7R1H225K160AE
± 20%
C3216X7R1H225M160AE
3225 2.30 +0.30/-0.20
± 10%
C3225X7R2A225K230AE
± 20%
C3225X7R2A225M230AE
Capacitance Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
2.2 F
2012
1.25 +0.25/-0.20
± 10%
C2012X7R1V225K125AE
± 20%
C2012X7R1V225M125AE
4.7 F
2012
1.25 +0.25/-0.20
± 10%
C2012X7R1E475K125AE
C2012X7R1C475K125AE
± 20%
C2012X7R1E475M125AE
C2012X7R1C475M125AE
3216
1.60 +0.30/-0.20
± 10%
C3216X7R1V475K160AE
± 20%
C3216X7R1V475M160AE
10 F
3216
1.60 +0.30/-0.20
± 10%
C3216X7R1E106K160AE
± 20%
C3216X7R1E106M160AE
2.2 F
3225 2.30 +0.30/-0.20
± 10%
C3225X7R2A225K230AE
± 20%
C3225X7R2A225M230AE
Class 2 (Temperature Stable)
TemperatureCharacteristics:X7R(-55to+125ºC,±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
TDKPartNumber: 3000V
330 pF
4532
2.50 ± 0.20
± 10%
C4532C0G3F331K250KE
Class 1 (Temperature Compensating)
TemperatureCharacteristics:C0G (-55 to +125ºC,0 ± 30 ppm/ºC)
TDKprovidesSoftTerminationonthemostcommonlyusedMLCCsizesandcapacitancevalues.SoftTerminationoffersanexternalelectrodedesign
that differs from the standard electrode design, and this design may be able to be applied to capacitance values beyond those listed in the catalog.
PleasecontactTDKifyourspecificproductneedsarenotlistedandwewillconsideraddingittotheproductoffering.
Page 5
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130621 / mlcc_commercial_soft_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com