Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF61 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF61
Description  Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF61 Datasheet(HTML) 3 Page - Hirose Electric

  DF61 Datasheet HTML 1Page - Hirose Electric DF61 Datasheet HTML 2Page - Hirose Electric DF61 Datasheet HTML 3Page - Hirose Electric DF61 Datasheet HTML 4Page - Hirose Electric DF61 Datasheet HTML 5Page - Hirose Electric DF61 Datasheet HTML 6Page - Hirose Electric DF61 Datasheet HTML 7Page - Hirose Electric DF61 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DF61 Series●Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
■
Product Number Structure
See Pages 4-6 of this catalog to select and order specific items.
●
Header
●
Crimp Housing
●
Contact
❶ Series Name: DF
❷ Series No.: 61
❸ Number of contacts: 2
❹ Type of connector
P: Header
❺ Pitch: 2.2mm
❻ Termination form
V: SMT straight type
❶ Series Name: DF
❷ Series No.: 61
❸ Number of contacts: 2
❹ Type of connector
S: Socket
❺ Pitch: 2.2mm
❻ Termination form
C: Crimp case
❶ Applicable Wire Size
2628
:AWG# 26-28
2226
:AWG# 22-26
❷ Form Type/Package Type
SCF: Socket crimp contact/reel
DF 61 − * P − 2.2 V
❶
❷
❸
❹
❺
❻
DF 61 − * S − 2.2 C
❶
❷
❸
❹
❺
❻
DF 61 − 2628 SCF
❶
❷



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com