Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA6002AC1 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # INA6002AC1
Description  FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INA6002AC1 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  INA6002AC1 Datasheet HTML 1Page - Isahaya Electronics Corporation INA6002AC1 Datasheet HTML 2Page - Isahaya Electronics Corporation INA6002AC1 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notice : This is not a final specification.
Some parametric subject to change.
<SMALL-SIGNAL TRANSISTOR>
INA6002AC1
FOR LOW FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
PRELIMINARY
DESCLIPTION
INA6002AC1 is a silicon PNP epitaxial type transistor.
It is designed with high voltage.
FEATURE
・Super mini package for easy mounting.
・Hige voltage VCEO=-300V
APPLICATION
DC/DC convertor, High voltage switching
OUTLINE DRAWING
Unit:mm
MAXIMUM RATINGS (Ta=25℃)
Symbol
Parameter
Ratings
Unit
MARKING
VCBO
Collector-Base Voltage
-300
V
VEBO
Emitter-Base Voltage
-7
V
VCEO
Collector-Emitter Voltage
-300
V
IC
Collector Current
-50
mA
PC
Collector Dissipation
150
mW
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55∼+150
℃
ELECTRIC CHARACTERISTICS (Ta=25℃)
Symbol
Parameter
Test conditions
Limits
Unit
Min
Typ
Max
V(BR)CBO
Collector-Base Breakdown Voltage
IC=-50µA,IE=0
-300
-
-
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE=-50µA,IC=0
-7
-
-
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC=-1mA,RBE=∞
-300
-
-
V
ICBO
Collector Cutoff Current
VCB=-300V,IE=0
-
-
-0.5
µA
IEBO
Emitter Cutoff Current
VEB=-5V,IC=0
-
-
-0.5
µA
hFE
DC Forward Current Gain
VCE=-10V,IC=-1mA
50
-
305
-
VCE(sat)
Collector-Emitter Saturation Voltage
IC=-10mA,IB=-1mA
-
-
-1.0
V
fT
Gain Bandwidth Product
VCE=-6V,IE=10mA
-
50
-
MHz
Cob
Collector Output Capacitance
VCB=-6V,IE=0,f=1MHz
-
2.6
-
pF
3 W
JEITA:SC-59
JEDEC:Similar toTO-236
2.8
0.65
1.5
0.65
(1)
(2)
(3)
TERMINAL CONNECTER
(1) BASE
(2) EMITTER
(3) COLLECTOR


Similar Part No. - INA6002AC1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA600 TI2-INA600 Datasheet
2Mb / 39P
INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
REVISED AUGUST 2025
logo
Isahaya Electronics Cor...
INA6001AC1 ISAHAYA-INA6001AC1 Datasheet
115Kb / 2P
FOR HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
INA6001AP1 ISAHAYA-INA6001AP1 Datasheet
117Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6005AC1 ISAHAYA-INA6005AC1 Datasheet
235Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6005AP1 ISAHAYA-INA6005AP1 Datasheet
118Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results

Similar Description - INA6002AC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC5214 ETC-2SC5214 Datasheet
155Kb / 3P
For Low Frequency Amplify Application Silicon Npn Epitaxial Type
logo
Isahaya Electronics Cor...
2SC5814 ISAHAYA-2SC5814 Datasheet
195Kb / 5P
For Low Frequency Amplify Application Silicon NPN Epitaxial Type
2SC5938A ISAHAYA-2SC5938A Datasheet
89Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4154 ISAHAYA-2SC4154 Datasheet
155Kb / 3P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3052 ISAHAYA-2SC3052_10 Datasheet
189Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3928A ISAHAYA-2SC3928A_11 Datasheet
138Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4155 ISAHAYA-2SC4155_11 Datasheet
138Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4155A ISAHAYA-2SC4155A_11 Datasheet
139Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5383 ISAHAYA-2SC5383_10 Datasheet
184Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
INC6006AS1 ISAHAYA-INC6006AS1 Datasheet
151Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com