Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED15 Datasheet(PDF) 2 Page - CUI INC

Part # VLED15
Description  LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLED15 Datasheet(HTML) 2 Page - CUI INC

  VLED15 Datasheet HTML 1Page - CUI INC VLED15 Datasheet HTML 2Page - CUI INC VLED15 Datasheet HTML 3Page - CUI INC VLED15 Datasheet HTML 4Page - CUI INC VLED15 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
07/18/2012 │ page 2 of 5
CUI Inc
│ SERIES: VLED15 │ DESCRIPTION: LED DRIVER
PART NUMBER KEY
VLED15 - XXX - XXXX
Input Voltage
120 = 120 Vac
230 = 230 Vac
Output Current
(in mA)
Base Number
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
176
135
265
Vac
Vac
frequency
47
63
Hz
input current
at 115 Vac
0.22
A
inrush current
at 25°C
5A
power factor
at 120 Vac
90
%
OUTPUT
parameter
conditions/description
min
typ
max
units
voltage accuracy
of set point
±5
%
load regulation
±5
%
PROTECTION
parameter
conditions/description
over voltage protection
auto restart
over current protection
auto restart
short circuit protection
auto restart
control
output dims without any flicker
dimming range
(conduction angle/output)
use with incandescent dimmer
30
147
degrees
over temperature protection
auto restart
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation
meets the UL 60950-1 reinforced, double insulation NEC (Class 2) EN 60598-1 class II
safety approvals
UL 60950-1, LPS, UL 8750, EN61347-2-13
EMI/EMC
EN 55015 class B, FCC class 47 CFR part 15 class B, EN 61000-4-(2,3,4,5,6,11), IEC 61000-3-(2,3)
ANSI c62.41-1991 category A1, 2.5 kV Ringwave
harmonics
meets EN 61000-3-(2,3)
leakage current
at 120 Vac
0.25
mA
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-30
90
°C
storage temperature
-40
95
°C
operating humidity
non-condensing
5
95
%
surface temperature
exposed surfaces, under all operating conditions
90
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com