Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC3581AS1 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # ISC3581AS1
Description  FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

ISC3581AS1 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  ISC3581AS1 Datasheet HTML 1Page - Isahaya Electronics Corporation ISC3581AS1 Datasheet HTML 2Page - Isahaya Electronics Corporation ISC3581AS1 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
〈SMALL-SIGNAL TRANSISTOR〉
ISC3581AS1
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
ISC3581AS1 is a silicon NPN epitaxial type transistor
designed for high collector current application.
Complementary with ISA1399AS1.
FEATURE
●High collector current.
I
CM=600mA
●High gain band width product. fT=150MHz typ
●High V
CEO.
V
CEO=50V
●Excellent linearity of DC forward current gain.
APPLICATION
For switching, small type motor drive application.
.
※) It shows hFE classification in right table.
OUTLINE DRAWING
Unit:mm
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
VCBO
Collector to Base voltage
55
V
VEBO
Emitter to Base voltage
4
V
VCEO
Collector to Emitter voltage
50
V
I
C
Collector current
400
mA
I
CM
Peak collector current
600
mA
P
c
Collector dissipation
600
mW
T
j
Junction temperature
+150
℃
T
stg
Storage temperature
-55~+150
℃
D
E
F
90~180
150~300
250~500
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Parameter
Test conditions
Limits
Unit
Min
Typ
Max
V(BR)CBO
C to B break down voltage
I
C= 10μA , IE =0mA
55
-
-
V
V(BR)EBO
E to B break down voltage
I
E= 10μA , IC =0mA
4
-
-
V
V(BR)CEO
C to E break down voltage
I
C= 100μA , RBE= ∞
50
-
-
V
ICBO
Collector cut off current
V
CB= 25V , I E= 0mA
-
-
1
μA
IEBO
Emitter cut off current
V
EB=2V , I C= 0mA
-
-
1
μA
hFE※
DC forward current gain
V
CE = 4V , IC= 100mA
90
-
500
-
VCE(sat)
C to E Saturation Voltage
I
C=200mA , I B= 10mA
-
0.15
0.5
V
fT
Gain band width product
V
CE=6V , I E= -10mA
-
150
-
MHz
JEITA:-
JEDEC:-
TERMINAL CONNECTER
①:EMITTER
②:COLLECTOR
③:BASE
4.0
2.5
2.5
0.45
0.1
①
②
③
MARKING
5 8 1
□□
F
Type name
hFE ITEM
Lot No


Similar Part No. - ISC3581AS1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISC300 BURR-BROWN-ISC300 Datasheet
100Kb / 11P
Universal Precision Isolated MEASUREMENT CHANNEL
logo
Infineon Technologies A...
ISC320N12LM6 INFINEON-ISC320N12LM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2023-10-11
ISC320N12LM6ATMA1 INFINEON-ISC320N12LM6ATMA1 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2023-10-11
logo
Isahaya Electronics Cor...
ISC3242AS1 ISAHAYA-ISC3242AS1 Datasheet
240Kb / 4P
FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
ISC3244AS1 ISAHAYA-ISC3244AS1 Datasheet
163Kb / 4P
FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - ISC3581AS1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SA2166 ISAHAYA-2SA2166 Datasheet
148Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SC6046 ISAHAYA-2SC6046 Datasheet
69Kb / 4P
GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3441 ISAHAYA-2SC3441_10 Datasheet
131Kb / 3P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC6046 ISAHAYA-2SC6046_10 Datasheet
114Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC6120 ISAHAYA-2SC6120_10 Datasheet
111Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
INC1001AC1 ISAHAYA-INC1001AC1 Datasheet
115Kb / 2P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6046AU1 ISAHAYA-ISC6046AU1 Datasheet
132Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6053AU1 ISAHAYA-ISC6053AU1 Datasheet
197Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6053AM1 ISAHAYA-ISC6053AM1 Datasheet
157Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
RT3C77M ISAHAYA-RT3C77M Datasheet
129Kb / 2P
Composite Transistor For General Purpose High Current Drive Application Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com