Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC6046AU1 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # ISC6046AU1
Description  FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

ISC6046AU1 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  ISC6046AU1 Datasheet HTML 1Page - Isahaya Electronics Corporation ISC6046AU1 Datasheet HTML 2Page - Isahaya Electronics Corporation ISC6046AU1 Datasheet HTML 3Page - Isahaya Electronics Corporation ISC6046AU1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY
※This datasheet is possibility of change.
Because this device is developing now.
ISC6046AU1
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
TYPICAL CHARACTERISTICS
DC FORWARD CURRENT GAIN VS.
COLLECTOR CURRENT
10
100
1000
0.1
1
10
100
1000
COLLECTOR CURRENT IC(mA)
VCE=1V
VCE=10V
Ta=25℃
COMMON EMITTER OUTPUT
0.00
0.05
0.10
0.15
0.20
0.25
02
4
6
8
10
COLLECTOR TO EMITTER VOLTAGE VCE(V)
IB=0.1mA
IB=0.2mA
IB=0.3mA
IB=0.4mA
IB=0.5mA
IB=0.6mA
IB=0.7mA
IB=0.8mA
IB=0.9mA
IB=1.0mA
Ta=25℃
COLLECTOR TO EMITTER VOLTAGE VS.
BASE CURRENT
0.0
0.4
0.8
1.2
1.6
2.0
0.001
0.01
0.1
1
10
100
BASE CURRENT IB(mA)
IC=1mA
IC=10mA
IC=100mA
IC=600mA
Ta=25℃
C TO E SATURATION VOLTAGE VS.
COLLECTOR CURRENT
0.01
0.1
1
10
0.001
0.01
0.1
1
COLLECTOR CURRENT Ic(A)
Ta=25℃
IC/IB=10
B TO E SATURATION VOLTAGE VS.
COLLECTOR CURRENT
0.1
1
10
0.001
0.01
0.1
1
COLLECTOR CURRENT Ic(A)
Ta=25℃
IC/IB=10
0
50
100
150
200
0
50
100
150
AMBIENT TEMPERATURE Ta(℃)
COLLECTOR DISSIPATION VS. AMBIENT TEMPERATURE
COLLECTOR DISSIPATION VS.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE Ta(℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com