Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2102YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2102YML
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2102YML Datasheet HTML 1Page - Micrel Semiconductor MIC2102YML Datasheet HTML 2Page - Micrel Semiconductor MIC2102YML Datasheet HTML 3Page - Micrel Semiconductor MIC2102YML Datasheet HTML 4Page - Micrel Semiconductor MIC2102YML Datasheet HTML 5Page - Micrel Semiconductor MIC2102YML Datasheet HTML 6Page - Micrel Semiconductor MIC2102YML Datasheet HTML 7Page - Micrel Semiconductor MIC2102YML Datasheet HTML 8Page - Micrel Semiconductor MIC2102YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Micrel, Inc.
MIC2101/02
August 2012
3
M9999-080712-A
Pin Configuration (Continued)
Pin Number
Pin Name
Pin Function
7
DH
High-Side Drive Output. High-current driver output for external high-side MOSFET of a buck
converter. The DH driving voltage is floating on the switch node voltage (VSW). Adding a small
resistor between DH pin and the gate of the high-side N-channel MOSFET can slow down the turn-
on and turn-off speed of the MOSFET.
8
SW
Switch Node and Current-Sense input. High current output driver return. The SW pin connects
directly to the switch node. Due to the high-speed switching on this pin, the SW pin should be
routed away from sensitive nodes. The SW pin also senses the current by monitoring the voltage
across the low-side MOSFET during OFF time. In order to sense the current accurately, connect the
low-side MOSFET drain to the SW pin using a Kelvin connection.
9, 11
NC
No Connection.
10
BST
Voltage supply input for the high-side N-channel MOSFET driver, which can be powered by a
bootstrapped circuit connected between VDD and SW, using a Schottky diode and a 0.1μF ceramic
capacitor. Adding a small resistor at BST pin can slow down the turn-on speed of the high-side
MOSFET.
12
AGND
Signal ground for VDD and the control circuitry, which is connected to thermal pad electronically.
The signal ground return path should be separate from the power ground (PGND) return path.
13
FB
Feedback Input. Input to the transconductance amplifier of the control loop. The FB pin is regulated
to 0.8V. A resistor divider connecting the feedback to the output is used to set the desired output
voltage.
14
PG
Power Good Output. Open drain output, an external pull-up resistor to VDD or external power rails
is required.
15
EN
Enable Input. A logic signal to enable or disable the buck converter operation. The EN pin is CMOS
compatible. Logic high enables the device, logic low shutdowns the regulator. In the disable mode,
the VDD supply current for the device is minimized to 0.7mA typically.
16
VIN
Supply Voltage. The VIN operating voltage range is from 4.5V to 38V. A 1μF ceramic capacitor from
VIN to AGND is required for decoupling.
EP
ePad
Exposed Pad. Connect the EPAD to PGND plain on the PCB to improve the thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com