Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF08 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # PTF08
Description  General Purpose Relay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PTF08 Datasheet(HTML) 3 Page - Omron Electronics LLC

  PTF08 Datasheet HTML 1Page - Omron Electronics LLC PTF08 Datasheet HTML 2Page - Omron Electronics LLC PTF08 Datasheet HTML 3Page - Omron Electronics LLC PTF08 Datasheet HTML 4Page - Omron Electronics LLC PTF08 Datasheet HTML 5Page - Omron Electronics LLC PTF08 Datasheet HTML 6Page - Omron Electronics LLC PTF08 Datasheet HTML 7Page - Omron Electronics LLC PTF08 Datasheet HTML 8Page - Omron Electronics LLC PTF08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
444
General Purpose Relay – LY
Three-pole Relays
Rated voltage
Rated current
Coil
Coil Induction
Must
Must
Max.
Power
Resistance
(reference value)
operate
release
voltage
consumption
voltage
voltage
(approx.)
50 Hz
60 Hz
Arm. OFF
Arm. ON
% of rated voltage
AC
6 V
310 mA
270 mA
6.7 Ω
0.03 H
0.05 H
80% max.
30% min.
110%
12 V
159 mA
134 mA
24 Ω
0.12 H
0.21 H
24 V
80 mA
67 mA
100 Ω
0.44 H
0.79 H
50 V
38 mA
33 mA
410 Ω
2.24 H
3.87 H
100/110 V
14.1/16 mA 12.4/13.7 mA 2,300 Ω
10.5 H
18.5 H
200/220 V
9.0/10.0 mA 7.7/8.5 mA
8,650 Ω
34.8 H
59.5 H
DC
6 V
234 mA
25.7 Ω
0.11 H
0.21 H
10% min.
1.4 W
12 V
112 mA
107 Ω
0.45 H
0.98 H
24 V
58.6 mA
410 Ω
1.89 H
3.87 H
48 V
28.2 mA
1,700 Ω
8.53 H
13.9 H
100/110 V
12.7/13 mA
8,500 Ω
29.6 H
54.3 H
Note: See notes under next table.
1.6 to
2.0 VA
(60 Hz)
Four-pole Relays
Rated voltage
Rated current
Coil
Coil Induction
Must
Must
Max.
Power
Resistance
(reference value)
operate
release
voltage
consumption
voltage
voltage
(approx.)
50 Hz
60 Hz
Arm. OFF
Arm. ON
% of rated voltage
AC
6 V
386 mA
330 mA
5 Ω
0.02 H
0.04 H
80% max.
30% min.
110%
12 V
199 mA
170 mA
20 Ω
0.10 H
0.17 H
24 V
93.6 mA
80 mA
78 Ω
0.38 H
0.67 H
50 V
46.8 mA
40 mA
350 Ω
1.74 H
2.88 H
100/110 V
22.5/25.5 mA 19/21.8 mA 1,600 Ω
10.5 H
17.3 H
200/220 V
11.5/13.1 mA 9.8/11.2 mA 6,700 Ω
33.1 H
57.9 H
DC
6 V
240 mA
25 Ω
0.09 H
0.21 H
10% min.
1.5 W
12 V
120 mA
100 Ω
0.39 H
0.84 H
24 V
69 mA
350 Ω
1.41 H
2.91 H
48 V
30 mA
1,600 Ω
6.39 H
13.6 H
100/110 V
15/15.9 mA
6,900 Ω
32 H
63.7 H
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C with tolerances of +15%/–20% for rated
currents and ±15% for DC coil resistance.
2. Performance characteristic data are measured at a coil temperature of 23°C.
3. AC coil resistance and impedance are provided as reference values (at 60 Hz).
4. Power consumption drop was measured for the above data. When driving transistors, check leakage current and connect a
bleeder resistor if required.
1.95 to
2.5 VA
(60 Hz)
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com