Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2870YFT Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2870YFT
Description  1.5A Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2870YFT Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2870YFT Datasheet HTML 17Page - Micrel Semiconductor MIC2870YFT Datasheet HTML 18Page - Micrel Semiconductor MIC2870YFT Datasheet HTML 19Page - Micrel Semiconductor MIC2870YFT Datasheet HTML 20Page - Micrel Semiconductor MIC2870YFT Datasheet HTML 21Page - Micrel Semiconductor MIC2870YFT Datasheet HTML 22Page - Micrel Semiconductor MIC2870YFT Datasheet HTML 23Page - Micrel Semiconductor MIC2870YFT Datasheet HTML 24Page - Micrel Semiconductor MIC2870YFT Datasheet HTML 25Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Micrel, Inc.
MIC2870
September 5, 2013
21
Revision 1.0
Figure 5. Graph to Determine PC Board Area for a Given
PCB Thermal Resistance
Figure 5 shows the total area of a round or square pad,
centered on the device. The solid trace represents the
area of a square, single sided, horizontal, solder masked,
copper PC board trace heat sink, measured in square
millimeters. No airflow is assumed. The dashed line
shows PC boards trace heat sink covered in black oil-
based paint and with 1.3m/sec (250 feet per minute)
airflow. This approaches a “best case” pad heat sink.
Conservative design dictates using the solid trace data,
which indicates that a maximum pad size of 5000 mm
2 is
needed. This is a pad 71mm × 71mm (2.8 inches per
side).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com