Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5166
Description  3A High-Speed Low VIN DDR Terminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5166 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5166 Datasheet HTML 1Page - Micrel Semiconductor MIC5166 Datasheet HTML 2Page - Micrel Semiconductor MIC5166 Datasheet HTML 3Page - Micrel Semiconductor MIC5166 Datasheet HTML 4Page - Micrel Semiconductor MIC5166 Datasheet HTML 5Page - Micrel Semiconductor MIC5166 Datasheet HTML 6Page - Micrel Semiconductor MIC5166 Datasheet HTML 7Page - Micrel Semiconductor MIC5166 Datasheet HTML 8Page - Micrel Semiconductor MIC5166 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Micrel, Inc.
MIC5166
June 2012
3
M9999-060612-A
Absolute Maximum Ratings(1)
VBIAS .................................................................. –0.3V to 6V
VIN ................................................................. –0.3V to VBIAS
VDDQ................................................................... –0.3V to VIN
VTT ................................................................... –0.3V to VIN
VEN ................................................................. –0.3V to VBIAS
VPG ................................................................. –0.3V to VBIAS
PGND to AGND ............................................. –0.3V to 0.3V
Junction Temperature ................................................ 150°C
Storage Temperature Range ....................–65°C to +150°C
Lead Temperature (soldering, 10s)............................ 260°C
Continuous Power Dissipation (TA = 25°C)
(De-rated 16.4mW/°C above 25°C).....................1.64W
Continuous Power Dissipation (TA = 85°C) .............656mW
ESD
(2)....……………………………………..........2kV(HBM)
Operating Ratings(3)
Supply Voltage (VBIAS)...................................... 2.5V to 5.5V
Supply Voltage (VIN)......................................0.9V to 3.6V
(4)
Supply Voltage (VDDQ).................................... 0.9V to VIN
(5)
Power Good Voltage (VPG).................................. 0V to VBIAS
Enable Input (VEN)............................................... 0V to VBIAS
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Package Thermal Resistance
3mm x 3mm MLF
®-10 (θJC).............................28.7°C/W
3mm x 3mm MLF
®-10 (θJA).............................60.7°C/W
Electrical Characteristics(6)
VIN = 1.5V, VBIAS = 3.3V, VDDQ = 1.5V, TA = 25°C, unless noted. Bold values indicate –40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Input Supply
Input Voltage Range (VIN)
0.9
3.6
V
Undervoltage Lockout Trip Level
VIN Rising
0.625
0.8
0.9
V
UVLO Hysteresis
150
mV
Quiescent Supply Current (IIN)
IOUT = 0A
0.1
10
µA
Shutdown Current (IIN)
VEN = 0V
0.1
5
µA
Bias Supply
Bias Voltage Range (VBIAS)
2.5
5.5
V
Undervoltage Lockout Trip Level
VBIAS Rising
1.9
2.23
2.33
V
UVLO Hysteresis
70
mV
IOUT = 1mA
1.6
3
Quiescent Supply Current (IBIAS)
IOUT = 1A
1.6
3
mA
Shutdown Current (IBIAS)
VEN = 0V
0.1
5
µA
VTT Output
VTT Accuracy
Variation from VREF, IOUT = -3A to 3A
−40
40
mV
VSNS =0.75V, IOUT = 10mA to +3A
1.5
2.1
Load Regulation
VSNS =0.75V, IOUT = -10mA to -3A
−1.8
−1.4
%
VIN = 1.5V to 3.6V, VBIAS = 5.5V, IOUT = 100mA
−0.05
0.005
0.05
Line Regulation
VIN = 1.5V, VBIAS = 2.5V to 5.5V, IOUT = 100mA
−0.1
0.015
0.17
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com