Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLRG2 Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # WLRG2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLRG2 Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button WLRG2 Datasheet HTML 34Page - Omron Electronics LLC WLRG2 Datasheet HTML 35Page - Omron Electronics LLC WLRG2 Datasheet HTML 36Page - Omron Electronics LLC WLRG2 Datasheet HTML 37Page - Omron Electronics LLC WLRG2 Datasheet HTML 38Page - Omron Electronics LLC WLRG2 Datasheet HTML 39Page - Omron Electronics LLC WLRG2 Datasheet HTML 40Page - Omron Electronics LLC WLRG2 Datasheet HTML 41Page - Omron Electronics LLC WLRG2 Datasheet HTML 42Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
WL
WL
39
Application Variations
Item
Appropriate model/actuator
Details
Changing the installation position
of the actuator
By loosening the Allen-head bolt on
the actuator lever, the position of the
actuator can be set anywhere within
the 360_. With Lamp-equipped
Switches, the actuator lever comes
in contact with the top of the lamp
cover, so use caution when rotating
and setting the lever. When the lever
only moves forwards and backwards,
it will not contact the lamp cover.
Roller Levers: WLCA2, WL01CA2,
WLH2, WL01H2, WLG2, WL01G2
Adjustable Roller Levers: WLCA12,
WL01CA12, WLH12, WL01H12,
WLG12, WL01G12
Adjustable Rod Levers: WLCL,
WL01CL, WLHL, WL01HL, WLGL,
WL01GL
Loosen the M5 × 12 bolt, set the
actuator’s position and then tighten
the bolt again.
Changing the orientation of the
Head
By removing the screws in the four
corners of the Head, the Head can
be set in any of the four directions.
Be sure to change the plunger for
internal operations at the same time.
(The operational plunger does not
need to be changed on overtravel
general-purpose and high-sensitivity
models.) The roller plunger can be
set in either two positions at 90_.
WLCA2-2N and WL01CA2-2N can
only be set in either the forward or
backward direction.
Roller Levers: WLCAj, WL01CAj,
WLGCAj
Adjustable Rod Levers: WLCL,
WL01CL
Horizontal Plungers: WLSDj,
WL01SDj
Roller Plungers: WLD2, WL01D2
Sealed Roller Plungers: WLD28,
WL01D28.
Note: Does not include -RP60
Series or -141 Series.
Loosen the screws.
Head
Loosen
the
screws.
Head
Changing the operating direction
By removing the Head on models
which can operate on one-side only,
and then changing the direction of
the operational plunger, one of three
operating directions can be selected.
In the case of overtravel models, as
noted on page 20, by loosening the
rubber holder using either a coin or a
flat-blade screwdriver, and changing
the direction of the internal rubber
section, one of three operating
directions can be selected.
The tightening torque for the screws
on the Head is 0.78 to 0.88 N S m. (8
to9kg S cm)
Roller Levers: WLCAj, WL01CAj
Adjustable Roller Levers: WLCA12,
WL01CA12
Adjustable Rod Levers: WLCL,
WL01CL
Overtravel Models: WLCAj-2N,
WL01CAj-2N
Note:
The diagram at the right is not
correct for the overtravel -2N
models.
The output of the
Switch will be changed,
regardless of which
direction the lever is
pushed.
Operating
Not operating
Clockwise operation
Counterclockwise
operation
Not operating
Operating
Operating
Operating
The output of the
Switch will only be
changed when the lever
is pushed in one
direction.
Operation in
both directions
For details on overtravel -2N models, refer to page 19.
Operational
plunger
Installing the roller on the inside
By installing the roller lever in the
opposite direction, the roller can be
installed on the inside. (Set so that
operation can be completed within a
180_ level range.)
Roller Levers: WLCAj, WL01CAj,
except for the adjustable roller
levers.
Fork Lever Locks: WLCA32-4j,
WL01CA32-4j
Loosen the
Allen-head bolt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com