Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X40031VC Datasheet(PDF) 21 Page - Intersil Corporation

Part # X40031VC
Description  Triple Voltage Monitor with Integrated CPU Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40031VC Datasheet(HTML) 21 Page - Intersil Corporation

Back Button X40031VC Datasheet HTML 15Page - Intersil Corporation X40031VC Datasheet HTML 16Page - Intersil Corporation X40031VC Datasheet HTML 17Page - Intersil Corporation X40031VC Datasheet HTML 18Page - Intersil Corporation X40031VC Datasheet HTML 19Page - Intersil Corporation X40031VC Datasheet HTML 20Page - Intersil Corporation X40031VC Datasheet HTML 21Page - Intersil Corporation X40031VC Datasheet HTML 22Page - Intersil Corporation X40031VC Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
FN8114.2
August 25, 2008
VTRIPX Set/Reset Conditions
SCL
SDA
VCC/V2MON/V3MON
(VTRIPX)
WDO
tTSU
tTHD
tVPH
tVPS
VP
tWC
tVPO
A0h
0
7
70
7
0DH*
SETS VTRIP1
SETS VTRIP2
SETS VTRIP3
01H*
09H*
03H*
0BH*
0FH*
RESETS VTRIP3
RESETS VTRIP2
RESETS VTRIP1
0
START
* ALL OTHERS RESERVED
00h
*
VTRIP1, VTRIP2, VTRIP3 Programming Specifications
VCC = 2.0V to 5.5V; Temperature = +25°C
PARAMETER
DESCRIPTION
MIN
(Note 3)
MAX
(Note 3)
UNIT
tVPS
WDO Program Voltage Setup Time
10
µs
tVPH
WDO Program Voltage Hold Time
10
µs
tTSU
VTRIPx Level Setup Time
10
µs
tTHD
VTRIPx Level Hold (stable) Time
10
µs
tWC
VTRIPx Program Cycle
10
ms
tVPO
Program Voltage Off Time Before Next Cycle
1
ms
VP
Programming Voltage
15
18
V
VTRAN1
VTRIP1 Set Voltage Range
2.0
4.75
V
VTRAN2
VTRIP2 Set Voltage Range - X40030, X40031
1.7
4.75
V
VTRAN2A
VTRIP2 Set Voltage Range - X40034, X40035
0.9
3.5
V
VTRAN3
VTRIP3 Set Voltage Range
1.7
4.75
V
Vtv
VTRIPx Set Voltage Variation After Programming (-40 to +85°C).
-25
+25
mV
tVPS
WDO Program Voltage Setup Time
10
µs
X40030, X40031, X40034, X40035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com