Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSA708 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSA708
Description  Low Frequency Amplifier & Medium Speed Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSA708 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSA708 Datasheet HTML 1Page - Fairchild Semiconductor KSA708 Datasheet HTML 2Page - Fairchild Semiconductor KSA708 Datasheet HTML 3Page - Fairchild Semiconductor KSA708 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, August 2001
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
0
-50
-100
-150
-200
-250
-300
-350
-400
-450
-500
IB = -1.8mA
IB = -1.4mA
IB = -1.6mA
IB = -1.2mA
IB = -0.8mA
IB = -0.6mA
IB = -0.4mA
IB = -1.0mA
IB = -0.2mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
-1
-10
-100
-1000
10
100
1000
VCE = -2V
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
IC = 10 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-10
-100
-1000
VCE = -2V
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
1
10
100
IE = 0
f = 1MHz
VCB [V], COLLECTOR-BASE VOLTAGE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com