Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

121 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 121
Description  Temperature Sensors Line Guide
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

121 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  121 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.honeywell.com/sensing
R300 Series
500 Series
Temperature sensing type
immersion
air/gas, immersion, surface, and liquid
level
Thermistor type
RTD
NTC
Nominal resistance at
25 °C [77 °F]
100 Ohm
200 Ohm to 1,000,000 Ohm (inclusive)
Operating temperature range
-40 °C to 275 °C [-40 °F to 572 °F]
continuous, excursion to 300 °C [572 °F]
for 10 min. max.
-40 °C to 300 °C [-40 °F to 572 °F]
(inclusive)
Housing material
stainless steel
plastic, aluminum, stainless steel, epoxy
filled, tin- or nickel-plated copper,
ceramic or kynar-filled tubing
Electrical and mechanical
interface
overmolded connector with M14 x 1.50
thread
wide variety of connectors and lead types,
materials and insulation
Products for thousands of
potential applications.
Honeywell S&C’s tempera-
ture sensors provide multiple
choices:
Packaged Temperature
Probes:
These enhanced and
responsive sensors are often
ideal for fluid, surface, and
air/gas temperature sens-
ing. Honeywell’s tempera-
ture probes are offered in a
variety of housing materials
and styles, terminations and
R-T curve types, depending
on customers’ application
needs. Honeywell’s packaged
temperature probe assemblies
incorporate either NTC (nega-
tive temperature coefficient)
thermistors or RTD (resistance
temperature detector) tech-
nology and operate under a
wide range of environmental
conditions. Whether it be an
IP67 seal-rated oil temperature
sensor used in the engine of a
heavy duty vehicle, a surface
temperature sensor used to
monitor critical compressor
temperatures in a transport
refrigeration system, or an
air temperature sensor rated
to MIL-PRF-23648 used to
measure aircraft engine –
bleed air temperature inside
the leading edge of an aircraft
wing, Honeywell has the right
technology, sensor packaging,
testing, track record and ap-
plication expertise to provide
the right sensor solution for its
customers. Customers trust
and depend on Honeywell
temperature sensors every day
for their precision, stability, reli-
ability and quality.
Temperature Sensors Line guide
Packaged
Temperature Probes
ES110 Series
ES120 Series
Temperature sensing type
air/gas
immersion
Thermistor type
NTC
NTC or KTY
Nominal resistance at
25 °C [77 °F]
2000 Ohm
2000 Ohm
Operating temperature range
-40 °C to 150 °C [-40 °F to 302 °F]
-40 °C to 150 °C [-40 °F to 302 °F]
Housing material
brass
brass
Electrical and mechanical
interface
overmolded connector with M10x1.25 or
M12 x 1.50 thread
overmolded connector with M10x1.25,
M14 x 1.50 thread or 1/8 PTF
Packaged
Temperature Probes



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com