Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAV0010DP Datasheet(PDF) 3 Page - AVX Corporation

Part # MAV0010DP
Description  Miniature AC Varistor ??MAV Low Power AC Circuit Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MAV0010DP Datasheet(HTML) 3 Page - AVX Corporation

  MAV0010DP Datasheet HTML 1Page - AVX Corporation MAV0010DP Datasheet HTML 2Page - AVX Corporation MAV0010DP Datasheet HTML 3Page - AVX Corporation MAV0010DP Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
21
IMPACT OF AC VOLTAGE ON LEAKAGE CURRENT
PHYSICAL DIMENSIONS AND RECOMMENDED PAD LAYOUT
Miniature AC Varistor – MAV
Low Power AC Circuit Protection
-60
0.2
0.15
0.1
0.05
0
-0.05
-0.1
-0.15
-0.2
-0.25
-0.3
-40
-20
0
20
40
Temperature (ºC)
120 V Peak to Peak
165 V Peak to Peak
60
80
100
120
140
T
W
BL
L
A
B
D
C
W
P
T
BW
BL
L
E
A
B
C
D
LW
T
BW
BL
P
A
B
C
D
E
MAV0010
1.60 ± 0.15
0.80 ± 0.15
0.90 Max
N/A
0.35 ± 0.15
N/A
0.89
0.76
2.54
0.76
N/A
(0.063±0.006) (0.032±0.006)
(0.035) Max
(0.014±0.006)
(0.035)
(0.030)
(0.100)
(0.030)
MAV0020
1.00 ± 0.15
1.37 ± 0.15
0.66 Max
0.36 ± 0.10
0.20 ± 0.10
0.64 REF
0.46
0.74
1.20
0.30
0.64
(0.039±0.006) (0.054±0.006)
(0.026) Max
(0.014±0.004) (0.008±0.004)
(0.025)REF
(0.018)
(0.029)
(0.047)
(0.012)
(0.025)
MAV0040
1.00±0.10
0.50±0.10
0.60 Max
N/A
0.25±0.15
N/A
0.61
0.51
1.70
0.51
N/A
(0.040±0.004) (0.020±0.004)
(0.024) Max
(0.010±0.006)
(0.024)
(0.020)
(0.067)
(0.020)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com