Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CKR04BX331M Datasheet(PDF) 14 Page - AVX Corporation

Part # CKR04BX331M
Description  MIL-PRF-39014/Radial Leads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CKR04BX331M Datasheet(HTML) 14 Page - AVX Corporation

Back Button CKR04BX331M Datasheet HTML 6Page - AVX Corporation CKR04BX331M Datasheet HTML 7Page - AVX Corporation CKR04BX331M Datasheet HTML 8Page - AVX Corporation CKR04BX331M Datasheet HTML 9Page - AVX Corporation CKR04BX331M Datasheet HTML 10Page - AVX Corporation CKR04BX331M Datasheet HTML 11Page - AVX Corporation CKR04BX331M Datasheet HTML 12Page - AVX Corporation CKR04BX331M Datasheet HTML 13Page - AVX Corporation CKR04BX331M Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
63
MIL-PRF-39014/2Pin DIP
Military
Failure Rate Level (%/1,000 Hours)
Type
Standard Lead Length
Optional Longer Lead Length
Capacitance
Capacitance
Designation
1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S) 1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S)
(pF)
Tolerance
WVDC
Style CKR24, Characteristic BX (Voltage-temperature limits of ±15% and +15%, -25%)
CKR24BX274K_
0294
0594
0894
1194
3294
3594
3894
4194
270000
K
50
CKR24BX274K_
0295
0595
0895
1195
3295
3595
3895
4195
270000
M
CKR24BX334K_
0296
0596
0896
1196
3296
3596
3896
4196
330000
K
CKR24BX334M_
0297
0597
0897
1197
3297
3597
3897
4197
330000
M
CKR24BX394K_
0298
0598
0898
1198
3298
3598
3898
4198
390000
K
CKR24BX394M_
0299
0599
0899
1199
3299
3599
3899
4199
390000
M
CKR24BX474K_
0300
0600
0900
1200
3300
3600
3900
4200
470000
K
CKR24BX474M_
0301
0601
0901
1201
3301
3601
3901
4201
470000
M
CKR24BX564K_
0302
0602
0902
1202
3302
3602
3902
4202
560000
K
CKR24BX564M_
0303
0603
0903
1203
3303
3603
3903
4203
560000
M
CKR24BX684K_
0304
0604
0904
1204
3304
3604
3904
4204
680000
K
CKR24BX684M_
0305
0605
0905
1205
3305
3605
3905
4205
680000
M
CKR24BX824K_
0306
0606
0906
1206
3306
3606
3906
4206
820000
K
CKR24BX824M_
0307
0607
0907
1207
3307
3607
3907
4207
820000
M
CKR24BX105K_
0308
0608
0908
1208
3308
3608
3908
4208
1000000
K
CKR24BX105M_
0309
0609
0909
1209
3309
3609
3909
4209
1000000
M
50
Style CKR24, Characteristic BR (Voltage-temperature limits of ±15% and +15%, -40%)
CKR24BR124K_
0240
0540
0840
1140
3240
3540
3840
4140
120000
K
100
CKR24BR124M_
0310
0610
0910
1210
3310
3610
3910
4210
120000
M
100
CKR24BR154K_
0241
0541
0841
1141
3241
3541
3841
4141
150000
K
100
CKR24BR154M_
0242
0542
0842
1142
3242
3542
3842
4142
150000
M
100
CKR24BR184K_
0243
0543
0843
1143
3243
3543
3843
4143
180000
K
50
CKR24BR184M_
0311
0611
0911
1211
3311
3611
3911
4211
180000
M
50
CKR24BR224K_
0244
0544
0844
1144
3244
3544
3844
4144
220000
K
50
CKR24BR224M_
0245
0545
0845
1145
3245
3545
3845
4145
220000
M
50
CKR24BR274K_
0246
0546
0846
1146
3246
3546
3846
4146
270000
K
50
CKR24BR274M_
0312
0612
0912
1212
3312
3612
3912
4212
270000
M
50
CKR24BR334K_
0247
0547
0847
1147
3247
3547
3847
4147
330000
K
50
CKR24BR334M_
0248
0548
0848
1148
3248
3548
3848
4148
330000
M
50
CKR24BR394K_
0249
0549
0849
1149
3249
3549
3849
4149
390000
K
50
CKR24BR394M_
0313
0613
0913
1213
3313
3613
3913
4213
390000
M
50
CKR24BR474K_
0250
0550
0850
1150
3250
3550
3850
4150
470000
K
50
CKR24BR474M_
0251
0551
0851
1151
3251
3551
3851
4151
470000
M
50
CKR24BR564K_
0252
0552
0852
1152
3252
3552
3852
4152
560000
K
50
CKR24BR684K_
0253
0553
0853
1153
3253
3553
3853
4153
680000
K
50
CKR24BR684M_
0254
0554
0854
1154
3254
3554
3854
4154
680000
M
50
CKR24BR824M_
0255
0555
0855
1155
3255
3555
3855
4155
820000
M
50
CKR24BR105K_
0256
0556
0856
1156
3256
3556
3856
4156
1000000
K
50
CKR24BR105M_
0257
0557
0857
1157
3257
3557
3857
4157
1000000
M
50
Add appropriate failure rate level letter (M, P, R or S)
MARKING
Date Code (year and week)
Trademark
4-Digit Dash Number
MILITARY DASH NUMBER IDENTIFICATION CKR24 TO MIL-PRF-39014/22
(Dash Number From Table)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com