Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHG30IM600PC Datasheet(PDF) 2 Page - IXYS Corporation

Part # DHG30IM600PC
Description  Sonic Fast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DHG30IM600PC Datasheet(HTML) 2 Page - IXYS Corporation

  DHG30IM600PC Datasheet HTML 1Page - IXYS Corporation DHG30IM600PC Datasheet HTML 2Page - IXYS Corporation DHG30IM600PC Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DHG 30 IM 600 PC
advanced
I
RMS
A
per pin
35
RthCH
K/W
0.25
T
stg
°C
150
storage temperature
-55
Weight
g
2
Symbol
Definition
Ratings
typ.
max.
min.
Conditions
RMS current
thermal resistance case to heatsink
Unit
I
is typically limited by: 1. pin-to-chip resistance; or by 2. current capability of the chip.
In case of 1, a common cathode/anode configuration and a non-isolated backside, the whole current capability can be used by connecting
the backside.
F
C
N
60
mounting force with clip
20
Ordering
Delivering Mode
Base Qty Code Key
Standard
Part Name
DHG 30 IM 600 PC
503501
Tape & Reel
800
Product Marking
Date Code
Part No.
Logo
Order Code
XXXXXXXXX
IXYS yww
abcd
D
H
G
30
IM
600
PC
Part number
Diode
Sonic Fast Recovery Diode
extreme fast
Single Diode
TO-263AB (D2Pak) (2)
=
=
=
DHG30I600PA
DHG30I600HA
TO-220
TO-247
Similar Part
Package
1)
1)
Marking on Product
DHG30IM600PC
600
600
Voltage Class
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
RMS
IXYS reserves the right to change limits, conditions and dimensions.
©
20081031
Data according to IEC 60747and per diode unless otherwise specified
2008 IXYS all rights reserved



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com