Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC9909N Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC9909N
Description  High Effciency,Off-line, High Brightness LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC9909N Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC9909N Datasheet HTML 4Page - IXYS Corporation CPC9909N Datasheet HTML 5Page - IXYS Corporation CPC9909N Datasheet HTML 6Page - IXYS Corporation CPC9909N Datasheet HTML 7Page - IXYS Corporation CPC9909N Datasheet HTML 8Page - IXYS Corporation CPC9909N Datasheet HTML 9Page - IXYS Corporation CPC9909N Datasheet HTML 10Page - IXYS Corporation CPC9909N Datasheet HTML 11Page - IXYS Corporation CPC9909N Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
CPC9909
8
www.ixysic.com
R03
The switching frequency is determined by:
Where:
• D = duty cycle
• t
off = Off-time
In general, switching frequency selection is based on
the inductor size, controller power dissipation, and the
input filter capacitor.
The typical off-line LED driver switching frequency, fS,
is between 30 kHz and 120 kHz.
This operating range gives the designer a reasonable
compromise between switching losses and inductor
size. The internal off-time one-shot has an accuracy of
±20%. The figure below shows the RT resistor
selection for the desired off-time.
2.8 Inductor Design
The inductor value is defined by the LED/inductor
ripple current, minimum off time, and the output
voltage. The minimum off time is determined by the
duty cycle and switching frequency. The duty cycle is
given by:
Where:
• V
LEDstring is the LED string voltage at the desired
average LED current.
• V
in(min) is the minimum DC input voltage.
The minimum inductor value for a given ripple current
is:
Where:
•
I
L = Ripple Current
The inductor peak current is given by:
2.9 Gate Output Drive
The CPC9909 uses an internal gate drive circuit to
turn on and off an external power MOSFET. The gate
driver can drive a variety of MOSFETs. For a typical
off-line application, the total MOSFET gate charge will
be less than 25nC.
FS
1 D
–
toff
-------------
=
R
T vs Off-Time
0
5
10
15
20
25
30
35
40
45
0
500
1000
1500
2000
2500
3000
R
T (KΩ)
t
off
(
μS)
D
VLEDstring
Vin min

--------------------------
=
LMIN
VLEDstring
I
L
--------------------------
toff
=
ILPeak
ILED 0.5IL
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com