Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC9909NE Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC9909NE
Description  High Effciency,Off-line, High Brightness LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC9909NE Datasheet(HTML) 5 Page - IXYS Corporation

  CPC9909NE Datasheet HTML 1Page - IXYS Corporation CPC9909NE Datasheet HTML 2Page - IXYS Corporation CPC9909NE Datasheet HTML 3Page - IXYS Corporation CPC9909NE Datasheet HTML 4Page - IXYS Corporation CPC9909NE Datasheet HTML 5Page - IXYS Corporation CPC9909NE Datasheet HTML 6Page - IXYS Corporation CPC9909NE Datasheet HTML 7Page - IXYS Corporation CPC9909NE Datasheet HTML 8Page - IXYS Corporation CPC9909NE Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
CPC9909
R03
www.ixysic.com
5
1.4 Recommended Operating
Conditions
1.5 Electrical Characteristics
Unless otherwise specified, all electrical specifications are provided for TA=25C.
1.6 Thermal Characteristics
1 Use of a four-layer PCB can improve thermal dissipation (reference EIA/JEDEC JESD51-5).
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Input Voltage Range
VIN
12
-
550
VDC
PWMD Frequency
fPWMD
-
500
-
Hz
Operating Temperature
TA
-40
-
+85
°C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Input
Input Voltage Range
DC Input Voltage
VIN
8
-
550
VDC
Shut-Down Mode Supply Current
VIN=8 to 550V, PWMD to GND
IIN
-0.3
0.6
mA
Regulator
Voltage Regulator Output
VIN=15V to 550V, IDD=0, IGATE=0
VDD
7.2
7.8
8.4
VDC
VDD Current Available
for External Circuitry
-
IDD
--
2
mA
VDD Load Regulation
VIN=15V, IDD=1mA
V
DD
-
150
200
mV
PWM Dimming
PWMD Input Low Voltage
VIN=8V to 550V
VPWMD(low)
--
0.5
V
PWMD Input High Voltage
VIN=8V to 550V
VPWMD(high)
2.4
-
-
PWMD Pull-Down Resistance
-
RPWMD
80
115
150
k
Current Sense Comparator
Current Sense Input Current
Input Low
CS=0V
IIL
-5
-
5
A
Input High
CS=VDD
IIH
-5
0
5
Current Sense Threshold Voltage
-40°C < TA < 85°C, VIN=15V to 550V
VCS(high)
200
250
300
mV
-55°C < TA < -40°C, VIN=15V to 550V
180
-
300
Current Sense Blanking Interval
RT=400k
tBLANK
-
400
-
ns
Delay from CS Trip to Gate Low
RT=400k
tDELAY
-
300
-
ns
Minimum Off-Time One-Shot
Minimum Off-Time
RT=400k
toff
6-8
s
Gate Driver
Gate High Output Voltage
IOUT=-10mA
VGATE(high)
VDD-0.3
VDD-0.06
-
V
Gate Low Output Voltage
IOUT=+10mA
VGATE(low)
-
0.03
0.3
Gate Output Rise Time
CGATE=500pF
tRISE
-16-
ns
Gate Output Fall Time
CGATE=500pF
tFALL
-7-
Parameter
Package
Symbol
Minimum
Typical
Maximum
Unit
Thermal Resistance,
Junction-to-Ambient
SOIC-8 With Thermal Pad (NE) 1
RJA
-50-
°C/W
SOIC-8 W/O Thermal Pad (N)
-
128
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com