Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6501 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F6501
Description  SAW Bandpass Filter F6501
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F6501 Datasheet(HTML) 2 Page - Integrated Technology Future

  F6501 Datasheet HTML 1Page - Integrated Technology Future F6501 Datasheet HTML 2Page - Integrated Technology Future F6501 Datasheet HTML 3Page - Integrated Technology Future F6501 Datasheet HTML 4Page - Integrated Technology Future F6501 Datasheet HTML 5Page - Integrated Technology Future F6501 Datasheet HTML 6Page - Integrated Technology Future F6501 Datasheet HTML 7Page - Integrated Technology Future F6501 Datasheet HTML 8Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SAW Bandpass Filter F6501
Part No.
F6501
Rev. Date
2012-09-27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NSNI04-AS01
2/8
Specifications
Fc = 650 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
650
-
MHz
Insertion Loss (648 ~ 652 MHz)
-
2.5
4.0
dB
Amplitude Ripple (648 ~ 652 MHz)
-
0.5
1.0
dBp-p
Absolute Group Delay (Fc)
-
100
-
nsec
Group Delay Variation (648 ~ 652 MHz)
-
50
-
nsec
VSWR (648 ~ 652 MHz)
-
1.5
2.0
Relative Attenuation
0.3 ~ 600 MHz
668 ~ 1150 MHz
1150 ~ 1500 MHz
1500 ~ 2500 MHz
40
40
35
30
55
50
45
40
-
-
-
-
dB
Input/Output Impedance
50
Ohms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com