Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6701 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F6701
Description  SAW Bandpass Filter F6701
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F6701 Datasheet(HTML) 2 Page - Integrated Technology Future

  F6701 Datasheet HTML 1Page - Integrated Technology Future F6701 Datasheet HTML 2Page - Integrated Technology Future F6701 Datasheet HTML 3Page - Integrated Technology Future F6701 Datasheet HTML 4Page - Integrated Technology Future F6701 Datasheet HTML 5Page - Integrated Technology Future F6701 Datasheet HTML 6Page - Integrated Technology Future F6701 Datasheet HTML 7Page - Integrated Technology Future F6701 Datasheet HTML 8Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SAW Bandpass Filter F6701
Part No.
F6701
Rev. Date
2012-10-18
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NSNI05-AS02
2/8
Specifications
Fc = 670 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
670
-
MHz
Insertion Loss (668 ~ 672 MHz)
-
2.5
4.0
dB
Amplitude Ripple (668 ~ 672 MHz)
-
0.5
1.0
dBp-p
Absolute Group Delay (Fc)
-
100
-
nsec
Group Delay Variation (668 ~ 672 MHz)
-
50
-
nsec
VSWR (668 ~ 672 MHz)
-
1.5
2.0
Relative Attenuation
0.3 ~ 652 MHz
691 ~ 1140 MHz
1140 ~ 1500 MHz
1500 ~ 2500 MHz
40
40
35
30
50
50
40
38
-
-
-
-
dB
Input/Output Impedance
50
Ohms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com