Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP4N80P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP4N80P
Description  PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP4N80P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP4N80P Datasheet HTML 1Page - IXYS Corporation IXTP4N80P Datasheet HTML 2Page - IXYS Corporation IXTP4N80P Datasheet HTML 3Page - IXYS Corporation IXTP4N80P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA4N80P
IXTP4N80P
IXYS REF: T_4N80P (3J) 10-23-06.xls
Fig. 7. Transconductance
0
1
2
3
4
5
6
7
00.5
11.5
2
2.5
33.5
4
4.5
ID - Amperes
TJ = - 40ºC
TJ = 25ºC
TJ = 125ºC
Fig. 8. Forward Voltage Drop of
Intrinsic Diode
0
1
2
3
4
5
6
7
8
9
10
11
12
0.40.5
0.60.7
0.8
0.9
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 9. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
01
23
456
789
10 11
12 13 14 15
QG - NanoCoulombs
VDS = 400V
I D = 1.8A
I G = 10mA
Fig. 10. Capacitance
1
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.10
1.00
10.00
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse W idth - Seconds



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com