Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH140P05T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH140P05T
Description  TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH140P05T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH140P05T Datasheet HTML 1Page - IXYS Corporation IXTH140P05T Datasheet HTML 2Page - IXYS Corporation IXTH140P05T Datasheet HTML 3Page - IXYS Corporation IXTH140P05T Datasheet HTML 4Page - IXYS Corporation IXTH140P05T Datasheet HTML 5Page - IXYS Corporation IXTH140P05T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA140P05T IXTP140P05T
IXTH140P05T
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = -10V, ID = 0.5 • ID25, Note 1
44
72
S
C
iss
13.5
nF
C
oss
V
GS = 0V, VDS = - 25V, f = 1MHz
1640
pF
C
rss
640
pF
t
d(on)
28
ns
t
r
34
ns
t
d(off)
38
ns
t
f
25
ns
Q
g(on)
200
nC
Q
gs
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
50
nC
Q
gd
65
nC
R
thJC
0.42
°C/W
R
thCS
TO-220
0.50
°C/W
TO-247
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
-140
A
I
SM
Repetitive, Pulse Width Limited by T
JM
- 560
A
V
SD
I
F = - 70A, VGS = 0V, Note 1
-1.3
V
t
rr
53
ns
Q
RM
58
nC
I
RM
- 2.2
A
Resistive Switching Times
V
GS = -10V, VDS = - 30V, ID = - 50A
R
G = 1Ω (External)
I
F = - 70A, -di/dt = -100A/μs
V
R = - 25V, VGS = 0V
TO-247 Outline
Pins:
1 - Gate
2 - Drain
3 - Source
TO-220 Outline
1 = Gate
2 = Drain
3 = Source
TO-263 Outline
Pins:
1 - Gate
2,4 - Drain
3 - Source



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com