Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R112M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3S-R112M
Description  Transparent Object Detection Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R112M Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3S-R112M Datasheet HTML 1Page - Omron Electronics LLC E3S-R112M Datasheet HTML 2Page - Omron Electronics LLC E3S-R112M Datasheet HTML 3Page - Omron Electronics LLC E3S-R112M Datasheet HTML 4Page - Omron Electronics LLC E3S-R112M Datasheet HTML 5Page - Omron Electronics LLC E3S-R112M Datasheet HTML 6Page - Omron Electronics LLC E3S-R112M Datasheet HTML 7Page - Omron Electronics LLC E3S-R112M Datasheet HTML 8Page - Omron Electronics LLC E3S-R112M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
CSM_E3S-R_DS_E_4_1
Transparent Object Detection Sensor
E3S-R
Ideal for Detecting Glass
Wafers and Other Transparent
Objects
• Detects glass wafers and LCD glass circuit boards.
Be sure to read Safety Precautions on
page 7.
(Compact models with plastic housing only)
Ordering Information
Sensors
Compact Models with Plastic Housing (Refer to Dimensions on page 8.)
*1. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*2. The E3S-R may not detect some glass wafer materials or plastic bottle shapes. Before using the E3S-R, be sure to test it on samples to make sure it can detect the
items reliably.
Sensing
method
Appear-
ance
Connec-
tion
method
Sensing distance
Model
Recommended application *2
Flat object
Cylindrical object
NPN
PNP
Detecting glass wafers
and LCD glass circuit
boards
Detecting plastic
bottles and other
transparent con-
tainers
Retro-
reflective
Pre-wired
(2 m)
E3S-R12 2M
---
Ideal
Ideal
Åñ1
E3S-R11 2M
E3S-R31 2M
Ideal
---
Standard
M12 Con-
nector
E3S-R17
---
Ideal
Ideal
Åñ1
E3S-R16
E3S-R36
Ideal
---
Pre-wired
(2 m)
E3S-R62 2M
---
Ideal
Ideal
Åñ1
E3S-R61 2M
E3S-R81 2M
Ideal
---
Standard
M12 Con-
nector
E3S-R67
---
Ideal
Ideal
E3S-R66
E3S-R86
Ideal
---
Red light
Infrared light
Horizontal
300 mm *1
[100 mm]
1 m *1
[100 mm]
300 mm *1
[100 mm]
1 m *1
[100 mm]
Vertical
300 mm *1
[100 mm]
1 m *1
[100 mm]
300 mm *1
[100 mm]
1 m *1
[100 mm]


Similar Part No. - E3S-R112M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-R2B4 OMRON-E3S-R2B4 Datasheet
256Kb / 12P
Photoelectric Sensor
E3S-R2B4 OMRON-E3S-R2B4 Datasheet
256Kb / 12P
Photoelectric Sensor
E3S-R2B4 OMRON-E3S-R2B4 Datasheet
256Kb / 12P
Photoelectric Sensor
E3S-R2B41 OMRON-E3S-R2B41 Datasheet
256Kb / 12P
Photoelectric Sensor
E3S-R2B41 OMRON-E3S-R2B41 Datasheet
256Kb / 12P
Photoelectric Sensor
More results

Similar Description - E3S-R112M

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2942261 FESTO-2942261 Datasheet
85Kb / 2P
Object sensor
2942262 FESTO-2942262 Datasheet
84Kb / 2P
Object sensor
2942265 FESTO-2942265 Datasheet
84Kb / 2P
Object sensor
2942266 FESTO-2942266 Datasheet
84Kb / 2P
Object sensor
8058724 FESTO-8058724 Datasheet
85Kb / 2P
Object sensor
8058725 FESTO-8058725 Datasheet
85Kb / 2P
Object sensor
8058726 FESTO-8058726 Datasheet
84Kb / 2P
Object sensor
8058727 FESTO-8058727 Datasheet
84Kb / 2P
Object sensor
8058728 FESTO-8058728 Datasheet
93Kb / 2P
Object sensor
8058730 FESTO-8058730 Datasheet
85Kb / 2P
Object sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com