Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAP225010 Datasheet(PDF) 9 Page - AVX Corporation

Part # TAP225010
Description  Sectiom 3: Introduction Foreword
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP225010 Datasheet(HTML) 9 Page - AVX Corporation

Back Button TAP225010 Datasheet HTML 5Page - AVX Corporation TAP225010 Datasheet HTML 6Page - AVX Corporation TAP225010 Datasheet HTML 7Page - AVX Corporation TAP225010 Datasheet HTML 8Page - AVX Corporation TAP225010 Datasheet HTML 9Page - AVX Corporation TAP225010 Datasheet HTML 10Page - AVX Corporation TAP225010 Datasheet HTML 11Page - AVX Corporation TAP225010 Datasheet HTML 12Page - AVX Corporation TAP225010 Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MAY 2013
■ 151
1.2.4 Effect of surges
The solid Tantalum capacitor has a limited ability to withstand
surges (15% to 30% of rated voltage). This is in common
with all other electrolytic capacitors and is due to the fact that
they operate under very high electrical stress within the oxide
layer. In the case of ‘solid’ electrolytic capacitors this is further
complicated by the limited self healing ability of the manganese
dioxide semiconductor.
It is important to ensure that the voltage across the terminals of
the capacitor does not exceed the surge voltage rating at any
time. This is particularly so in low impedance circuits where the
capacitor is likely to be subjected to the full impact of surges,
especially in low inductance applications. Even an extremely
short duration spike is likely to cause damage. In such situa-
tions it will be necessary to use a higher voltage rating.
1.2.5 Reverse voltage and non-polar operation
The reverse voltage ratings are designed to cover exceptional
conditions of small level excursions into incorrect polarity.
The values quoted are not intended to cover continuous
reverse operation.
The peak reverse voltage applied to the capacitor must not
exceed:
10% of rated DC working voltage to a maximum of
1V at 25°C
3% of rated DC working voltage to a maximum of
0.5V at 85°C
1% of category DC working voltage to a maximum of
0.1V at 125°C
1.2.6 Non-polar operation
If the higher reverse voltages are essential, then two capacitors,
each of twice the required capacitance and of equal
tolerance and rated voltage, should be connected in a
back-to-back configuration, i.e., both anodes or both
cathodes joined together. This is necessary in order to avoid
a reduction in life expectancy.
1.2.7 Superimposed AC voltage (Vrms) - Ripple Voltage
This is the maximum RMS alternating voltage, superimposed
on a DC voltage, that may be applied to a capacitor. The
sum of the DC voltage and the surge value of the
superimposed AC voltage must not exceed the category
voltage, Vc. Full details are given in Section 2.
1.2.8 Voltage derating
Refer to section 3.2 (pages 155-157) for the effect of voltage
derating on reliability.
85°C
125°C
Rated
Surge
Category
Surge
Voltage
Voltage
Voltage
Voltage
(V DC)
(V DC)
(V DC)
(V DC)
2
2.6
1.3
1.7
342
2.6
4
5.2
2.6
3.4
6.3
845
10
13
6.3
9
16
20
10
12
20
26
13
16
25
33
16
21
35
46
23
28
50
65
33
40
1.3 DISSIPATION FACTOR AND TANGENT OF LOSS ANGLE (TAN D)
1.3.1 Dissipation factor (DF)
Dissipation factor is the measurement of the tangent of the
loss angle (Tan ) expressed as a percentage.
The measurement of DF is carried out at +25°C and 120 Hz
with 2.2V DC bias max. with an AC voltage free of harmonics.
The value of DF is temperature and frequency dependent.
1.3.2 Tangent of loss angle (Tan )
This is a measure of the energy loss in the capacitor. It is
expressed as Tan
and is the power loss of the capacitor
divided by its reactive power at a sinusoidal voltage of specified
frequency. (Terms also used are power factor, loss factor and
dielectric loss, Cos (90 - ) is the true power factor.) The meas-
urement of Tan
is carried out at +20°C and 120 Hz with 2.2V
DC bias max. with an AC voltage free of harmonics.
1.3.3 Frequency dependence of dissipation factor
Dissipation Factor increases with frequency as shown in the
typical curves below.
10
F 10V
1.0
F 35V
100
50
20
10
5
2
1
100Hz
1kHz
10kHz
100kHz
Frequency
Typical Curve-Dissipation Factor vs. Frequency
TAP/TEP Technical Summary and
Application Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com