Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5TC4G43AFR-RDA Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # H5TC4G43AFR-RDA
Description  4Gb DDR3L SDRAM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC4G43AFR-RDA Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button H5TC4G43AFR-RDA Datasheet HTML 15Page - Hynix Semiconductor H5TC4G43AFR-RDA Datasheet HTML 16Page - Hynix Semiconductor H5TC4G43AFR-RDA Datasheet HTML 17Page - Hynix Semiconductor H5TC4G43AFR-RDA Datasheet HTML 18Page - Hynix Semiconductor H5TC4G43AFR-RDA Datasheet HTML 19Page - Hynix Semiconductor H5TC4G43AFR-RDA Datasheet HTML 20Page - Hynix Semiconductor H5TC4G43AFR-RDA Datasheet HTML 21Page - Hynix Semiconductor H5TC4G43AFR-RDA Datasheet HTML 22Page - Hynix Semiconductor H5TC4G43AFR-RDA Datasheet HTML 23Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Rev. 1.0 / Apr. 2013
19
a) Burst Length: BL8 fixed by MRS: set MR0 A[1,0]=00B
b) Output Buffer Enable: set MR1 A[12] = 0B; set MR1 A[5,1] = 01B; RTT_Nom enable: set MR1 A[9,6,2] = 011B;
RTT_Wr enable: set MR2 A[10,9] = 10B
c) Precharge Power Down Mode: set MR0 A12=0B for Slow Exit or MR0 A12 = 1B for Fast Exit
d) Auto Self-Refresh (ASR): set MR2 A6 = 0B to disable
e) Self-Refresh Temperature Range (SRT): set MR2 A7 = 0B for normal or 1B for extended temperature range
f) Read Burst Type: Nibble Sequential, set MR0 A[3] = 0B
IDD7
Operating Bank Interleave Read Current
CKE: High; External clock: On; tCK, nRC, nRAS, nRCD, NRRD, nFAW, CL: see Table 1; BL: 8a), f); AL: CL-
1; CS: High between ACT and RDA; Command, Address, Bank Address Inputs: partially toggling accord-
ing to Table 10; Data IO: read data burst with different data between one burst and the next one
according to Table 10; DM: stable at 0; Bank Activity: two times interleaved cycling through banks (0,
1,...7) with different addressing, wee Table 10; Output Buffer and RTT: Enabled in Mode Registersb);
ODT Signal: stable at 0; Pattern Details: see Table 10.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com