Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAP685010 Datasheet(PDF) 13 Page - AVX Corporation

Part # TAP685010
Description  Section 3: Introduction Foreword
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP685010 Datasheet(HTML) 13 Page - AVX Corporation

Back Button TAP685010 Datasheet HTML 8Page - AVX Corporation TAP685010 Datasheet HTML 9Page - AVX Corporation TAP685010 Datasheet HTML 10Page - AVX Corporation TAP685010 Datasheet HTML 11Page - AVX Corporation TAP685010 Datasheet HTML 12Page - AVX Corporation TAP685010 Datasheet HTML 13Page - AVX Corporation TAP685010 Datasheet HTML 14Page - AVX Corporation TAP685010 Datasheet HTML 15Page - AVX Corporation TAP685010 Datasheet HTML 16Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MAY 2013
■ 155
SECTION 3:
RELIABILITY AND CALCULATION OF FAILURE RATE
3.1 STEADY-STATE
Tantalum Dielectric has essentially no wear out mechanism
and in certain circumstances is capable of limited self
healing, random failures can occur in operation. The failure
rate of Tantalum capacitors will decrease with time and not
increase as with other electrolytic capacitors and other
electronic components.
Figure 1. Tantalum reliability curve.
The useful life reliability of the Tantalum capacitor is affected
by three factors. The equation from which the failure rate can
be calculated is:
F = FU x FT x FR x FB
where
FU is a correction factor due to operating voltage/
voltage derating
FT is a correction factor due to operating
temperature
FR is a correction factor due to circuit series
resistance
FB is the basic failure rate level. For standard
leaded Tantalum product this is 1%/1000hours
Operating voltage/voltage derating
If a capacitor with a higher voltage rating than the maximum
line voltage is used, then the operating reliability will be
improved. This is known as voltage derating. The graph,
Figure 2, shows the relationship between voltage derating
(the ratio between applied and rated voltage) and the failure
rate. The graph gives the correction factor FU for any
operating voltage.
Voltage Correction Factor
Figure 2. Correction factor to failure rate F for voltage
derating of a typical component (60% con. level).
Operating temperature
If the operating temperature is below the rated temperature
for the capacitor then the operating reliability will be improved
as shown in Figure 3. This graph gives a correction factor FT
for any temperature of operation.
Temperature Correction Factor
Figure 3. Correction factor to failure rate F for ambient
temperature T for typical component (60% con. level).
20
100.0
10.0
1.0
0.1
0.0
30
40
50
60
70
80
90 100 110 120 130
Temperature (C)
Tantalum
1.0000
0.1000
0.0100
0.0010
0.0001
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Applied Voltage / Rated Voltage
Infinite Useful Life
Useful life reliability can be altered by voltage
derating, temperature or series resistance
Infant
Mortalities
TAP/TEP Technical Summary and
Application Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com