Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PCDFN2G Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # 24PCDFN2G
Description  Interactive Catalog Replaces Catalog Pages
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

24PCDFN2G Datasheet(HTML) 2 Page - Honeywell Accelerometers

  24PCDFN2G Datasheet HTML 1Page - Honeywell Accelerometers 24PCDFN2G Datasheet HTML 2Page - Honeywell Accelerometers 24PCDFN2G Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pressure Sensors
24PC Series
Gage Unamplified Noncompensated Flow-Through
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
21
FEATURES
Measures positive and negative gage
pressures
Flow-through port design fits in-line
with application
Popular port sizes:
- 8 mm (.315 in.) OD (1/4 in. ID tubing or
standard connectors)
- 0.144 in. OD (1/8 in. ID tubing)
Medical grade ISO 10993-1 (USP Class
6) port material
Silicon sensor chip
24 inch wire harness with splash proof
connector
Minimal deadspace — efficient cleans-
ing and disinfecting
24PC SERIES PERFORMANCE CHARACTERISTICS at 10.0 ±0.01 VDC
EXCITATION, 25°C
Min.
Typ.
Max.
Units
Excitation
---
10
12
VDC
Null Shift, 25° to 0°, 25° to 50°C
---
±2.0
---
mV
Null Offset
−30
0
+30
mV
Linearity, P2 > P1, BFSL
---
±0.5
---
%Span
Span Shift, 25° to 0°, 25° to 50°C
---
±5.0
---
%Span
Repeatability & Hysteresis
---
±0.2
---
%Span
Response Time
---
---
1.0
msec
Input Resistance
4.0 K
5.0 K
6.0 K
ohms
Output Resistance
4.0 K
5.0 K
6.0 K
ohms
Stability over One Year
---
±0.5
---
%Span
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
−40° to +85°C (−40° to +185°F)
Storage Temperature
−55° to +100°C (−67° to +212°F)
Shock
Qualification tested to 150 g
Vibration
Qualification tested to 0 to 2 kHz, 20 g sine
Media Compatibility
Limited only to those media which will not attack
polysulfone, silicon, fluorosilicone, silicone,
EPDM, and neoprene seals
24PC SERIES FLOW THROUGH ORDER GUIDE
Span, mV
Catalog
Listing
Pressure
Range
psi
Min.
Typ.
Max.
Sensitivity
mV/psi
Typ.
Overpressure
psi Max.
24PCE Type
0.5
25
35
45
70
20
24PCA Type
1.0
30
45
60
45
20
24PCB Type
5.0
85
115
145
23
20
24PCC Type
15
165
225
285
15
45
24PCD Type
30
240
330
420
11
60
24PCF Type
100
156
225
294
2.25
200
24PCG Type
250
145
212
280
0.85
500



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com