Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY84A Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATTINY84A
Description  8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY84A Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATTINY84A Datasheet HTML 14Page - ATMEL Corporation ATTINY84A Datasheet HTML 15Page - ATMEL Corporation ATTINY84A Datasheet HTML 16Page - ATMEL Corporation ATTINY84A Datasheet HTML 17Page - ATMEL Corporation ATTINY84A Datasheet HTML 18Page - ATMEL Corporation ATTINY84A Datasheet HTML 19Page - ATMEL Corporation ATTINY84A Datasheet HTML 20Page - ATMEL Corporation ATTINY84A Datasheet HTML 21Page - ATMEL Corporation ATTINY84A Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
8183FS–AVR–06/12
ATtiny24A/44A/84A
– Section 6. “Ordering Information” on page 11, added tape & reel and topside
marking, updated notes
5.
Updated Figures:
– Figure 4-1 “Block Diagram of the AVR Architecture” on page 7
– Figure 8-1 “Reset Logic” on page 38
– Figure 14-1 “Universal Serial Interface, Block Diagram” on page 116, USIDB ->
USIBR
– Figure 19-5 “High-voltage Serial Programming Waveforms” on page 169
6.
Updated Tables:
– Table 19-11, “Minimum Wait Delay Before Writing the Next Flash or EEPROM
Location,” on page 164, updated value for t
WD_ERASE
9.6
Rev. 8183A – 12/08
1.
Initial revision. Created from document 8006H.
2.
Updated "Ordering Information" on page 19 and page 19. Pb-plated packages are no
longer offered and there are no separate ordering codes for commercial operation
range, the only available option now is industrial. Also, updated some order codes to
reflect changes in leadframe composition and added VQFN package option.
3.
Updated data sheet template.
4.
Removed all references to 8K device.
5.
Updated characteristic plots of section “Typical Characteristics”, starting on page 182.
6.
Added characteristic plots:
– “Bandgap Voltage vs. Supply Voltage” on page 233
– “Bandgap Voltage vs. Temperature” on page 233
7.
Updated sections:
– “Features” on page 1
– “Power Reduction Register” on page 35
– “Analog Comparator” on page 128
– “Features” on page 132
– “Operation” on page 133
– “Starting a Conversion” on page 134
– “ADC Voltage Reference” on page 139
– “Speed” on page 174
8.
Updated Figures:
– “Program Memory Map” on page 15
– “Data Memory Map” on page 16
9.
Update Tables:
– “Device Signature Bytes” on page 161
– “DC Characteristics. TA = -40°C to +85°C” on page 173
– “Additional Current Consumption for the different I/O modules (absolute values)” on
page 182
– “Additional Current Consumption (percentage) in Active and Idle mode” on page 183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com