Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F9151 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # F9151
Description  SAW Bandpass Filter 915.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F9151 Datasheet(HTML) 1 Page - Integrated Technology Future

  F9151 Datasheet HTML 1Page - Integrated Technology Future F9151 Datasheet HTML 2Page - Integrated Technology Future F9151 Datasheet HTML 3Page - Integrated Technology Future F9151 Datasheet HTML 4Page - Integrated Technology Future F9151 Datasheet HTML 5Page - Integrated Technology Future F9151 Datasheet HTML 6Page - Integrated Technology Future F9151 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SAW Bandpass Filter 915.0MHz
Part No.
F9151
Rev. Date
2010-03-15
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR8010-AS02
1/7
4
5
6
1
2
3
1
2
3
6
5
4
Features
RF bandpass filter
Usable bandwidth 26MHz
High attenuation
No matching 50Ω single-ended operation
Ceramic Surface Mounted Device Package ( 3.0 mm × 3.0 mm )
RoHS Compliant
Package Dimensions
Dimensions shown are nominal in millimeters
Body : Al2O3 Ceramic
Lid : Kovar, Ni Plated
Terminations : Au plating 0.3 ~ 1.0 um, Over a 1.27 ~ 8.89 um
Ni Plating
Maximum Ratings
Parameters
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-30
25
85
Storage Temperature Range
°C
-45
25
85
Power Handling Capability
dBm
15
Electrostatics Sensitive Device (ESD)
Pin Configurations
2
Input
5
Output
1, 3, 4, 6
Case ground
IIII
9151
9151
9151
9151


Similar Part No. - F9151

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F9153 ITF-F9153 Datasheet
273Kb / 7P
SAW Bandpass Filter F9153
F9155 ITF-F9155 Datasheet
228Kb / 7P
SAW Bandpass Filter F9155
logo
FCI connector
F915600 FCI-CONNECTOR-F915600 Datasheet
623Kb / 1P
CHART - ASSEMBLY 4WAY FEMALE (2.80MM APEX CONN.SYSTEM)
05-25-05
More results

Similar Description - F9151

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
logo
Golledge Electronics Lt...
MA09103 GOLLEDGE-MA09103 Datasheet
179Kb / 6P
915.0MHz SAW Filter
MP02566 GOLLEDGE-MP02566 Datasheet
103Kb / 7P
SAW Filter 915.0MHz
MP04309 GOLLEDGE-MP04309 Datasheet
242Kb / 6P
SAW Filter 915.0MHz
MP03642 GOLLEDGE-MP03642 Datasheet
106Kb / 6P
SAW Filter 915.0MHz
MP04574 GOLLEDGE-MP04574 Datasheet
122Kb / 6P
SAW Filter 915.0MHz
MP06992 GOLLEDGE-MP06992 Datasheet
230Kb / 6P
SAW Filter 915.0MHz
MA03704 GOLLEDGE-MA03704 Datasheet
223Kb / 4P
SAW Filter 915.0MHz for ISM900 (High Attenuation)
MA06291 GOLLEDGE-MA06291 Datasheet
78Kb / 4P
SAW Resonator 915.0MHz
MA06101 GOLLEDGE-MA06101 Datasheet
165Kb / 4P
915.0MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com