Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R61 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3Z-R61
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R61 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3Z-R61 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 12Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
E3Z
Oil-resistant
* Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
Common
* The ambient temperature range during operation for connector models depends on the model. For the E3Z-T66/T86/R66/R86, the range is
−40°C to 55°C. For the
E3Z-D66/D86/D67/D87, the range is
−30°C to 55°C. For other connector models, the range is −25°C to −55°C.
The sensing distance for Retro-reflective Models (E3Z-R66/R86) between
−40°C to −25°C, however, will be as follows (not the values in the table):
With E39-R1S: 3 m (100 mm), With E39-R1: 2 m (100 mm).
Also, use the XS3F-M42
@-4@@-L Sensor I/O Connector (PUR cable) for applications between −25°C to −40°C. (Refer to page 6.)
Sensing method
Through-beam
Retro-reflective
Diffuse-reflective
Model
NPN
out-
put
Pre-wired Models E3Z-T61K
E3Z-R61K
E3Z-D61K
E3Z-D62K
M8 Pre-wired connector E3Z-T61K-M3J
E3Z-R61K-M3J
E3Z-D61K-M3J
E3Z-D62K-M3J
PNP
out-
put
Pre-wired Models E3Z-T81K
E3Z-R81K
E3Z-D81K
E3Z-D82K
Item
M8 Pre-wired connector E3Z-T81K-M3J
E3Z-R81K-M3J
E3Z-D81K-M3J
E3Z-D82K-M3J
Sensing distance
15 m
3 m (150 mm) *
(when using E39-R1S)
2 m (100 mm) *
(when using E39-R1)
100 mm
(white paper: 100
×
100 mm)
1 m
(white paper: 300
×
300 mm)
Standard sensing object
Opaque: 12-mm dia. min.
Opaque: 75-mm dia. min.
---
Differential travel
---
20% max. of setting distance
Directional angle
Both emitter and receiver:
3 to 15
°
2 to 10
°
---
Light source (wavelength)
Infrared LED (870 nm)
Red LED (660 nm)
Infrared LED (860 nm)
Current consumption
35 mA max. (Emitter:
15 mA max., Receiver:
20 mA max.)
30 mA max.
Protection circuits
Reversed power supply
polarity protection, Output
short-circuit protection,
and Reversed output po-
larity protection
Reversed power supply polarity protection, Output short-circuit protection, Mutual in-
terference prevention, and Reversed output polarity protection
Response time
Operate or reset: 1 ms max.
Degree of protection
IP67 (IEC), Oil resistant models: IP67 (IEC) (in-house standards: oilproof), excluding cables and connectors
Connection method
Pre-wired cable (standard length: 2 m), M8 Pre-wired Connector
Weight
(packed
state)
Pre-wired cable (2 m)
Approx. 120 g
Approx. 65 g
Connector (M8, 4 pins)
Approx. 50 g
Approx. 30 g
Material
Case
PBT (polybutylene terephthalate)
Lens
Modified polyarylate
Methacrylic resin
Modified polyarylate
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p): 10% max.
Control output
Load power supply voltage: 26.4 VDC max., Load current: 100 mA max.
Residual voltage: Load current of less than 10 mA: 1 V max.
Load current of 10 to 100 mA: 2 V max.
Open collector output (NPN/PNP depending on model)
Light-ON/Dark-ON selectable
Sensitivity adjustment
One-turn adjuster
Ambient illumination (Receiver side)
Incandescent lamp: 3,000 lx max.
Sunlight: 10,000 lx max.
Ambient temperature range
Operating:
−25 to 55°C, Some connector models: −40°C to 55°C * (with no icing or condensation)
Storage:
−40 to 70°C (with no icing or condensation)
Ambient humidity range
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 Hz, 1.5 mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 3 times each in X, Y, and Z directions
Indicator
Operation indicator (orange)
Stability indicator (green)
Through-beam Emitter has power indicator (orange) only.
Accessories
Instruction manual (Neither Reflectors nor Mounting Brackets are provided with any of the above models.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com