Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R66 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3Z-R66
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R66 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3Z-R66 Datasheet HTML 1Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 2Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 3Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
E3Z
E3Z
5
Nomenclature
Diffuse-reflective Models
E3Z-D6j
Stability indicator (green)
Operation selector
Operation indicator (orange)
Sensitivity adjuster
Through-beam Models
E3Z-T6j Receiver
Retroreflective Models
E3Z-R6j
Operation
J
OUTPUT CIRCUITS
Model
E3Z-T61/-T66/-R61/-R66/-D61/-D66/-D62/-D67
NPN output
Through-beam receiver
Retroreflective model
Diffuse reflective model
Through-beam emitter
Operation
indicator
Stability
indicator
Main
circuit
Orange
Green
100 mA
max.
Load
(Relay)
Brown
Black
Blue
Control output
12 to 24 VDC
0V
Power indicator (orange)
Main
circuit
12 to 24 VDC
Brown
Blue
Model
E3Z-T81/-T86/-R86/-D81/-D86/-D82/-D87
PNP output
Through-beam receiver
Retroreflective model
Diffuse reflective model
Through-beam emitter
Operation
indicator
Stability
indicator
Main
circuit
Orange
Green
Brown
Black
Blue
Control output
12 to 24 VDC
100 mA
max.
0V
Load
(Relay)
Power indicator (orange)
Main
circuit
12 to 24 VDC
Brown
Blue
Connector pin
arrangement
Pin 2 is open.
Pins 2, 4 are open.
J
TIMING CHARTS
Incident
ON
Operation
indicator
(orange)
Output
transistor
Load
(relay)
Interrupted
OFF
ON
OFF
Operate
Reset
(Between blue and black)
Incident
ON
Operation
indicator
(orange)
Output
transistor
Load
(relay)
Interrupted
OFF
ON
OFF
Operate
Reset
(Between blue and black)
Dark-ON (D-ON) Operation
Light-ON (L-ON) Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com