Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3YN Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H3YN
Description  Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3YN Datasheet(HTML) 1 Page - Omron Electronics LLC

  H3YN Datasheet HTML 1Page - Omron Electronics LLC H3YN Datasheet HTML 2Page - Omron Electronics LLC H3YN Datasheet HTML 3Page - Omron Electronics LLC H3YN Datasheet HTML 4Page - Omron Electronics LLC H3YN Datasheet HTML 5Page - Omron Electronics LLC H3YN Datasheet HTML 6Page - Omron Electronics LLC H3YN Datasheet HTML 7Page - Omron Electronics LLC H3YN Datasheet HTML 8Page - Omron Electronics LLC H3YN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CSM_H3YN_DS_E_5_1
1
Solid-state Timer
H3YN
Miniature Timer with Multiple Time Ranges
and Multiple Operating Modes
• Minimizes stock.
• Pin configuration compatible with MY Power Relay.
• Standard multiple operating modes and multiple time ranges.
• Conforms to EN61812-1 and IEC60664-1 for Low Voltage, and
EMC Directives.
LR
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Model Number Structure
■ Model Number Legend
1. Output
2: DPDT
4: 4PDT
2. Time Range
None: Short-time range (0.1 s to 10 min)
1:
Long-time range (0.1 min to 10 hrs)
3. Contact Type
None: Single contact
Z:
Twin contacts
Ordering Information
■ List of Models
Note: 1. Sockets and Hold-down Clips are not included with the H3YN. They must be ordered separately.
2. Only models with 24-VDC power supply are available.
3. Use the H3YN-4 or H3YN-41 Series when switching micro loads, and use the H3YN-4-Z or H3YN-41-Z Series when switching even
smaller loads.
H3YN-
@@-@
1 2
3
Supply voltage
Time-limit contact
Short-time range model
(0.1 s to 10 min)
Long-time range model
(0.1 min to 10 h)
24, 100 to 120, 200 to 230 VAC;
12, 24, 48, 100 to 110, 125 VDC
DPDT
H3YN-2
H3YN-21
4PDT
H3YN-4
H3YN-41
24 VDC
4PDT (Twin contacts)
H3YN-4-Z
H3YN-41-Z
Note: Specify both the model number and supply voltage when ordering.
Example: H3YN-2 24 VAC
Supply voltage


Similar Part No. - H3YN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
H3YN-2 OMRON-H3YN-2 Datasheet
396Kb / 12P
Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
H3YN-2-Z OMRON-H3YN-2-Z Datasheet
396Kb / 12P
Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
H3YN-21 OMRON-H3YN-21 Datasheet
396Kb / 12P
Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
H3YN-21-Z OMRON-H3YN-21-Z Datasheet
396Kb / 12P
Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
More results

Similar Description - H3YN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
12-Bit Serializer Deserializer with Multiple Frequency Ranges
logo
Linear Technology
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
5A eFuse Power MUX with Multiple Protection Modes
logo
Micross Components
AS8FLC2M32 MICROSS-AS8FLC2M32 Datasheet
369Kb / 29P
Available in multiple Access time variations
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
digital microphone with multiple performance modes
July 2020 Rev 2
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
MEMS audio sensor: digital microphone with multiple performance modes
07-Mar-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com