Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJM0407JSC Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RJM0407JSC
Description  40 V - 20 A - N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJM0407JSC Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RJM0407JSC Datasheet HTML 3Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 4Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 5Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 6Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 7Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 8Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 9Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 10Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RJM0407JSC
Preliminary
R07DS0368EJ0100 Rev.1.00
Page 7 of 11
Sep 20, 2012
 MOS4, 5, 6 (Pch)
Tc = 25
°C
1 shot Pulse
DC Operation
PW = 10 ms
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Drain Current ID (A)
Static Drain to Source On State Resistance
vs. Drain Current
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
100
80
60
20
40
0
−4
−8
−12
−16
−20
Gate to Source Voltage VGS (V)
Static Drain to Source On State Resistance vs.
Gate to Source Voltage
−10
−1
−0.1
−1
−10
−100
−0.01
−100
−0.1
−0.001
−20
−12
−16
−8
−4
0
−4
−2
−6
−8
−10
−3.0 V
−3.5 V
VGS = 0 V
−100
−10
−1
−0.1
−0.01
−0.001
0
−1
−2
−3
−5
−4
−1
−10
100
1
10
−100
1000
100
60
20
−50
0
50
100
150
200
0
80
40
Tc = 25
°C
Pulse Test
Tc = 175
°C
25
°C
−40°C
Pulse Test
VDS = −10 V
VGS = −4.5 V
−10 V
Tc = 175
°C
25
°C
−40°C
ID = −10 A
Pulse Test
ID = −10 A
Pulse Test
VGS = −4.5 V
−10 V
Operation
in this area
is limited R
DS(on)
Tc = 25
°C
Pulse Test
−4.0 V
−4.5 V
−10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com