Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1410140-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1410140-2
Description  CONNECTOR ASSEMBLY, BACKPLANE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410140-2 Datasheet(HTML) 1 Page - Tyco Electronics

  1410140-2 Datasheet HTML 1Page - Tyco Electronics 1410140-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 1410140-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1410140-2 TEC-1410140-2 Datasheet
2Mb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1410140-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-8879 MOLEX11-62201-8879 Datasheet
36Kb / 1P
Impact Backplane Press-In Tool for Impact 85 Ohm Vertical Backplane Assembly
62201-8988 MOLEX11-62201-8988 Datasheet
37Kb / 1P
Impel Backplane Assembly Press-In Tool
0622019501 MOLEX11-0622019501 Datasheet
30Kb / 1P
Tool Holder for Backplane Assembly, 24.00mm
0622019502 MOLEX11-0622019502 Datasheet
30Kb / 1P
Tool Holder for Backplane Assembly, 72.00mm
0622019503 MOLEX11-0622019503 Datasheet
30Kb / 1P
Tool Holder for Backplane Assembly, 156.00mm
0622019504 MOLEX11-0622019504 Datasheet
30Kb / 1P
Tool Holder for Backplane Assembly, 216.00mm
0622019509 MOLEX11-0622019509 Datasheet
30Kb / 1P
Tool Holder for Backplane Assembly, 254.00mm
0622019511 MOLEX11-0622019511 Datasheet
30Kb / 1P
Tool Holder for Backplane Assembly, 304.80mm
0622019512 MOLEX11-0622019512 Datasheet
30Kb / 1P
Tool Holder for Backplane Assembly, 406.40mm
logo
Tyco Electronics
408-4571 MACOM-408-4571 Datasheet
87Kb / 3P
Backplane Receptacle Connector Assemblies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com