Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F3010 Datasheet(PDF) 83 Page - Microchip Technology

Part # DSPIC30F3010
Description  High-Performance,16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F3010 Datasheet(HTML) 83 Page - Microchip Technology

Back Button DSPIC30F3010 Datasheet HTML 79Page - Microchip Technology DSPIC30F3010 Datasheet HTML 80Page - Microchip Technology DSPIC30F3010 Datasheet HTML 81Page - Microchip Technology DSPIC30F3010 Datasheet HTML 82Page - Microchip Technology DSPIC30F3010 Datasheet HTML 83Page - Microchip Technology DSPIC30F3010 Datasheet HTML 84Page - Microchip Technology DSPIC30F3010 Datasheet HTML 85Page - Microchip Technology DSPIC30F3010 Datasheet HTML 86Page - Microchip Technology DSPIC30F3010 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 228 page
background image
© 2010 Microchip Technology Inc.
DS70141F-page 83
dsPIC30F3010/3011
12.2.2
INPUT CAPTURE IN CPU IDLE
MODE
CPU Idle mode allows input capture module operation
with full functionality. In the CPU Idle mode, the Inter-
rupt mode selected by the ICI<1:0> bits is applicable, as
well as the 4:1 and 16:1 capture prescale settings,
which are defined by control bits, ICM<2:0>. This mode
requires the selected timer to be enabled. Moreover, the
ICSIDL bit must be asserted to a logic ‘0’.
If the input capture module is defined as ICM<2:0> = 111
in CPU Idle mode, the input capture pin will serve only as
an external interrupt pin.
12.3
Input Capture Interrupts
The input capture channels have the ability to generate
an interrupt based upon the selected number of
capture events. The selection number is set by control
bits, ICI<1:0> (ICxCON<6:5>).
Each channel provides an interrupt flag (ICxIF) bit. The
respective capture channel interrupt flag is located in
the corresponding IFSx register.
Enabling an interrupt is accomplished via the respec-
tive Input Capture Channel Interrupt Enable (ICxIE) bit.
The capture interrupt enable bit is located in the
corresponding IEC Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com