Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS101 Datasheet(PDF) 13 Page - Microchip Technology

Part # DSPIC33FJ06GS101
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101 Datasheet(HTML) 13 Page - Microchip Technology

Back Button DSPIC33FJ06GS101 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 10Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 11Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 12Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 13Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
 2009-2013 Microchip Technology Inc.
DS80439M-page 13
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
32. Module: High-Speed PWM
The PENH and PENL bits in the IOCONx register
are used to assign ownership of the pins to either
the PWM module or the GPIO module. The correct
procedure to configure the PWM module is to
assign pin ownership to the PWM module and then
enabling it using the PTEN bit in the PTCON
register.
If the PWM module is enabled using the above
sequence, then a glitch may be observed on the
PWM pins before actual switching of the PWM
outputs begins. This glitch may cause momentary
turn-on of power MOSFETs that are driven by the
PWM pins and may cause damage to the
application hardware.
Work around
Follow the given sequence to avoid any glitches
from appearing on the PWM outputs at the time of
enabling.
1. Configure the respective PWM pins to digital
inputs using the TRISx registers. This step will
put the PWM pins in a high-impedance state.
The PWM outputs must be maintained in a safe
state by using pull-up or pull-down resistors.
2. Assign pin ownership to the GPIO module by
configuring IOCONx<PENH> = 0
and
IOCONx<PENL> = 0.
3. Specify the PWM override state to the desired
safe state for the PWM pins using the
OVRDAT<1:0> bit field in the IOCONx register.
4. Override
the
PWM
outputs
by
setting
IOCONx<OVRENH> = 1
and
IOCONx<OVRENL> = 1.
5. Enable
the
PWM
module
by
setting
PTCON<PTEN> = 1.
6. Remove
the
PWM
overrides
by
making IOCONx<OVRENH> = 0 and
IOCONx<OVRENL> = 0.
7. Ensure a delay of at least one full PWM cycle.
8. Assign pin ownership to the PWM module
by setting IOCONx<PENH> = 1 and
IOCONx<PENL> = 1.
The code in Example 3 illustrates the use of this
work around.
Affected Silicon Revisions
EXAMPLE 3:
CONFIGURE PWM MODULE TO PREVENT GLITCHES ON PWM1H AND PWM1L
PINS AT THE TIME OF ENABLING
A2
A3
A4
XX
X
TRISAbits.TRISA4 = 1;
// Configure PWM1H/RA4 as digital input
// Ensure output is in safe state using pull-up or
// pull-down resistors
TRISAbits.TRISA3 = 1;
// Configure PWM1L/RA3 as digital input
// Ensure output is in safe state using pull-up or
// pull-down resistors
IOCON1bits.PENH = 0;
// Assign pin ownership of PWM1H/RA4 to GPIO module
IOCON1bits.PENL = 0;
// Assign pin ownership of PWM1L/RA3 to GPIO module
IOCON1bits.OVRDAT = 0;
// Configure override state of the PWM outputs to
// desired safe state.
IOCON1bits.OVRENH = 1;
// Override PWM1H output
IOCON1bits.OVRENL = 1;
// Override PWM1L output
PTCONbits.PTEN = 1;
// Enable PWM module
IOCON1bits.OVRENH = 0;
// Remove override for PWM1H output
IOCON1bits.OVRENL = 0;
// Remove override for PWM1L output
Delay(x);
// Introduce a delay greater than one full PWM cycle
IOCON1bits.PENH = 1;
// Assign pin ownership of PWM1H/RA4 to PWM module
IOCON1bits.PENL = 1;
// Assign pin ownership of PWM1L/RA3 to PWM module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com