Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2003
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2003_13 Datasheet HTML 11Page - Microchip Technology MCP2003_13 Datasheet HTML 12Page - Microchip Technology MCP2003_13 Datasheet HTML 13Page - Microchip Technology MCP2003_13 Datasheet HTML 14Page - Microchip Technology MCP2003_13 Datasheet HTML 15Page - Microchip Technology MCP2003_13 Datasheet HTML 16Page - Microchip Technology MCP2003_13 Datasheet HTML 17Page - Microchip Technology MCP2003_13 Datasheet HTML 18Page - Microchip Technology MCP2003_13 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
© 2010-2011 Microchip Technology Inc.
DS22230D-page 15
MCP2003/4/3A/4A
2.4
AC Specifications
AC CHARACTERISTICS
VBB = 6.0V to 27.0V; TA = -40°C to +125°C
Parameter
Sym
Min.
Typ.
Max.
Units
Test Conditions
Bus Interface – Constant Slope Time Parameters
Slope Rising and Falling Edges
tslope
3.5
—
22.5
µs
7.3V <= VBB <= 18V
Propagation Delay of
Transmitter
ttranspd
—
—
4.0
µs
ttranspd = max (ttranspdr or ttranspdf)
Propagation Delay of Receiver
trecpd
—
—
6.0
µs
trecpd = max (trecpdr or trecpdf)
Symmetry of Propagation
Delay of Receiver Rising Edge
w.r.t. Falling Edge
trecsym
-2.0
—
2.0
µs
trecsym = max (trecpdf – trecpdr)
RRXD 2.4
Ω TO VCC, CRXD 20 PF
Symmetry of Propagation
Delay of Transmitter Rising
Edge w.r.t. Falling Edge
ttrans-
sym
-2.0
—
2.0
µs
ttranssym = max (ttranspdf - ttranspdr)
Time to Sample of FAULT/TXE
for Bus Conflict Reporting
tfault
—
—
32.5
µs
tfault = max (ttranspd + tslope + trecpd)
Duty Cycle 1 @20.0 kbit/sec
.396
—
—
Cbus; Rbus conditions:
1nF; 1 k
Ω | 6.8 nF; 660Ω | 10 nF; 500Ω
THrec(max) = 0.744 x VBB,
THdom(max) = 0.581 x VBB,
VBB =7.0V – 18V; tbit = 50 µs
D1 = tbus_rec(min)/2 x tbit)
Duty Cycle 2 @20.0 kbit/sec
—
—
.581
Cbus; Rbus conditions:
1nF; 1 k
Ω | 6.8 nF; 660Ω | 10 nF; 500Ω
THrec(max) = 0.284 x VBB,
THdom(max) = 0.422 x VBB,
VBB =7.6V – 18V; tbit = 50 µs
D2 = tbus_rec(max)/2 x tbit)
Duty Cycle 3 @10.4 kbit/sec
.417
—
—
Cbus; Rbus conditions:
1nF; 1 k
Ω | 6.8 nF; 660Ω | 10 nF; 500Ω
THrec(max) = 0.778 x VBB,
THdom(max) = 0.616 x VBB,
VBB =7.0V – 18V; tbit = 96 µs
D3 = tbus_rec(min)/2 x tbit)
Duty Cycle 4 @10.4 kbit/sec
—
—
.590
Cbus; Rbus conditions:
1nF; 1 k
Ω | 6.8 nF; 660Ω | 10 nF; 500Ω
THrec(max) = 0.251 x VBB,
THdom(max) = 0.389 x VBB,
VBB =7.6V – 18V; tbit = 96 µs
D4 = tbus_rec(max)/2 x tbit)
Wake-up Timing
Bus Activity Debounce time
tBDB
5
20
µs
MCP2003/2004
30
70
125
µs
MCP2003A/2004A
Bus Activity to Vren on
tBACTVE
35
150
µs
MCP2003/2004
10
30
90
µs
MCP2003A/2004A
WAKE to Vren on
tWAKE
150
µs
Chip Select to Vren on
tCSOR
—
150
µs
Vren floating
Chip Select to Vren off
tCSPD
—
80
µs
Vren floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com