Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003A Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2003A
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003A Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2003A Datasheet HTML 3Page - Microchip Technology MCP2003A Datasheet HTML 4Page - Microchip Technology MCP2003A Datasheet HTML 5Page - Microchip Technology MCP2003A Datasheet HTML 6Page - Microchip Technology MCP2003A Datasheet HTML 7Page - Microchip Technology MCP2003A Datasheet HTML 8Page - Microchip Technology MCP2003A Datasheet HTML 9Page - Microchip Technology MCP2003A Datasheet HTML 10Page - Microchip Technology MCP2003A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
© 2010-2011 Microchip Technology Inc.
DS22230D-page 7
MCP2003/4/3A/4A
1.4
Typical Applications
EXAMPLE 1-1:
TYPICAL MCP2003/2003A APPLICATION
EXAMPLE 1-2:
TYPICAL MCP2004/2004A APPLICATION
LIN Bus
43V
Vbb
Lbus
Vren
Txd
Rxd
Vss
Vdd
Txd
Rxd
+12
1.0 µ
F
CS
I/O
WAKE
50W
43V
1KW
+12
Master Node Only
+12
3.9KW
Wake-up
Voltage Reg
(See Note)
Note:
For applications with current requirements of less than 20 mA, the connection to +12V can be
deleted, and voltage to the regulator supplied directly from the VREN pin.
4.7KW
optional resistor and transient suppressor
LIN Bus
43V
Vbb
Lbus
Vren
Txd
Rxd
Vss
Vdd
Txd
Rxd
1.0 µ
F
CS/WAKE
I/O
FAULT/TXE
I/O
50W
43V
1KW
+12
Master Node Only
+12
220 KW
Wake-up
Voltage Reg
100 pF
4.7KW
ZD1
+12
optional resistor and transient suppressor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com