Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S03-03-R Datasheet(PDF) 1 Page - Tyco Electronics

Part # S03-03-R
Description  SPECIFICATION CONTROL DRAWING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

S03-03-R Datasheet(HTML) 1 Page - Tyco Electronics

  S03-03-R Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
300 Constitution Drive,
Menlo Park, CA. 94025, U.S.A.
Raychem
TITLE:
SOLDERSLEEVE DEVICES SHIELD
TERMINATION WITH PRE-INSTALLED
BRAID
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
DOCUMENT NO.:
S 0 3 - 0 1 / - 0 5 - R
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should evaluate
the suitability of the product for their
application.
PROD. REV.:
SEE TABLE
DOC. ISSUE:
5
DATE:
15-Apr-11
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
D982098
DCR NUMBER:
D030251
SCALE:
None
SIZE:
A
SHEET:
1 of 1
Print Date: 9-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision.
© 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
Product Revision
Component Dimensions
Shall Accommodate Cable with Dimensions
Product
Name
Ident.
Code
L1.75
(L0.070)
øB
min
øC
min
H
min
øE
max
øF
min
øD
max
S03-01-R
D
S0301R
16.50
(0.650)
1.90
(0.070)
2.65
(0.105)
8.25
(0.325)
2.65
(0.105)
0.90
(0.035)
1.90
(0.075)
S03-02-R
D
S0302R
16.50
(0.650)
2.65
(0.105)
3.68
(0.145)
8.25
(0.325)
3.68
(0.140)
1.40
(0.055)
2.65
(0.105)
S03-03-R
D
S0303R
16.50
(0.650)
4.30
(0.170)
5.08
(0.200)
8.25
(0.325)
5.08
(0.200)
2.15
(0.085)
4.30
(0.170)
S03-04-R
D
S0304R
19.10
(0.750)
5.95
(0.235)
6.45
(0.255)
8.25
(0.325)
6.45
(0.255)
3.30
(0.130)
5.95
(0.235)
S03-05-R
D
S0305R
19.10
(0.750)
7.00
(0.275)
7.60
(0.300)
8.25
(0.325)
7.60
(0.300)
4.30
(0.170)
7.00
(0.275)
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX AND THERMAL INDICATOR
SOLDER:
TYPE Sn63 per ANSI-J-STD-006.
FLUX:
TYPE ROL1 per ANSI-J-STD-004.
THERMAL INDICATOR: Color change violet to colorless.
3. MELTABLE RINGS: Stabilized thermoplastic. Color: blue.
4. PRE-INSTALLED BRAID: Tin-plated copper strands. CMA 640.
APPLICATION
1. These parts are designed to provide an environment protected shield termination on cables, rated for 125C minimum, meeting
the dimensional criteria listed and having tin or silver-plated shields and insulation compatible with the insert material.
For compatible insulations, see MIL-S-83519/2 or consult TE Connectivity/Raychem.
2. When installed per TE Connectivity /Raychem process standard RCPS-100-70, assemblies will meet those requirements of
TE Connectivity /Raychem Specification RT-1404 and MIL-S-83519/2, which do not require electrical testing while parts are
immersed in water.
3. Temperature range: -55C to +150C.
4. Parts shall be marked with identification code per table.
For best results, prepare the cable as shown:
SolderSleeve is a trademark of TE Connectivity.


Similar Part No. - S03-03-R

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
S030 BURKERT-S030 Datasheet
1Mb / 22P
Inline sensor-fitting with paddle wheel for flow measure-ment
15.01.2024
logo
HuaXinAn Electronics CO...
S0300EA HUAXINAN-S0300EA Datasheet
293Kb / 6P
SIDACtor Protection Thyristors
S0300EB HUAXINAN-S0300EB Datasheet
293Kb / 6P
SIDACtor Protection Thyristors
S0300EC HUAXINAN-S0300EC Datasheet
293Kb / 6P
SIDACtor Protection Thyristors
logo
Teccor Electronics
S0301L TECCOR-S0301L Datasheet
1Mb / 12P
SCRs 1-70 AMPS NON-SENSITIVE GATE
More results

Similar Description - S03-03-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
004241-000 MACOM-004241-000 Datasheet
114Kb / 1P
SPECIFICATION CONTROL DRAWING
007967-000 MACOM-007967-000 Datasheet
46Kb / 2P
Specification Control Drawing
022477-000 MACOM-022477-000 Datasheet
46Kb / 2P
Specification Control Drawing
CS250 MACOM-CS250 Datasheet
100Kb / 1P
SPECIFICATION CONTROL DRAWING
logo
List of Unclassifed Man...
202K163-25 ETC2-202K163-25 Datasheet
58Kb / 2P
specification control drawing
SLT-3X ETC-SLT-3X Datasheet
36Kb / 1P
SPECIFICATION CONTROL DRAWING
logo
Tyco Electronics
202K132-25 MACOM-202K132-25 Datasheet
58Kb / 2P
Specification Control Drawing
202K142-25 MACOM-202K142-25 Datasheet
58Kb / 2P
Specification Control Drawing
222K152-25 MACOM-222K152-25 Datasheet
54Kb / 2P
Specification Control Drawing
202K142-25-0 MACOM-202K142-25-0 Datasheet
58Kb / 2P
Specification Control Drawing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com