Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS5015 Datasheet(PDF) 8 Page - Microchip Technology

Part # LPS5015
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS5015 Datasheet(HTML) 8 Page - Microchip Technology

Back Button LPS5015 Datasheet HTML 4Page - Microchip Technology LPS5015 Datasheet HTML 5Page - Microchip Technology LPS5015 Datasheet HTML 6Page - Microchip Technology LPS5015 Datasheet HTML 7Page - Microchip Technology LPS5015 Datasheet HTML 8Page - Microchip Technology LPS5015 Datasheet HTML 9Page - Microchip Technology LPS5015 Datasheet HTML 10Page - Microchip Technology LPS5015 Datasheet HTML 11Page - Microchip Technology LPS5015 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP16321/2
DS22285A-page 8
© 2011 Microchip Technology Inc.
Note:
Unless otherwise indicated, VIN = 12V, EN = Floating (Internally pulled up), CIN = 20 µF, COUT =2x22 µF,
L = 4.7 µH (XAL6060-472MEB), ILOAD =200 mA, TA =+25°C. MCP16321 maximum output current = 1A.
FIGURE 2-7:
5V VOUT vs. IOUT.
FIGURE 2-8:
3.3V VOUT vs. IOUT.
FIGURE 2-9:
2.5V VOUT vs. IOUT.
FIGURE 2-10:
1.8V VOUT vs. IOUT.
FIGURE 2-11:
1.5V VOUT vs. IOUT.
FIGURE 2-12:
0.9V VOUT vs. IOUT.
4.98
4.99
5
5.01
5.02
5.03
5.04
0
0.4
0.8
1.2
1.6
2
I
OUT (A)
V
IN = 6V
V
IN = 12V
V
IN = 24V
V
IN = 18V
V
OUT = 5V
3.295
3.3
3.305
3.31
3.315
3.32
0
0.4
0.8
1.2
1.6
2
I
OUT (A)
V
IN = 6V
V
IN = 12V
V
IN = 24V
V
IN = 18V
V
OUT =3.3V
2.495
2.497
2.499
2.501
2.503
2.505
2.507
2.509
2.511
2.513
2.515
0
0.4
0.8
1.2
1.6
2
I
OUT (A)
V
IN = 6V
V
IN = 12V
V
IN = 24V
V
IN = 18V
V
OUT =2.5V
1.798
1.799
1.8
1.801
1.802
1.803
1.804
1.805
1.806
1.807
1.808
0
0.4
0.8
1.2
1.6
2
I
OUT (A)
V
IN = 6V
V
IN = 12V
V
IN = 18V
V
OUT =1.8V
1.498
1.499
1.5
1.501
1.502
1.503
1.504
1.505
0
0.4
0.8
1.2
1.6
2
I
OUT (A)
V
IN = 6V
V
IN = 12V
V
IN = 16V
V
OUT =1.5V
0.897
0.898
0.899
0.9
0.901
0.902
0.903
0.904
0
0.4
0.8
1.2
1.6
2
I
OUT (A)
V
IN = 6V
V
IN = 8V
V
IN = 10V
V
OUT =0.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com