Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS5030 Datasheet(PDF) 7 Page - Microchip Technology

Part # LPS5030
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS5030 Datasheet(HTML) 7 Page - Microchip Technology

Back Button LPS5030 Datasheet HTML 3Page - Microchip Technology LPS5030 Datasheet HTML 4Page - Microchip Technology LPS5030 Datasheet HTML 5Page - Microchip Technology LPS5030 Datasheet HTML 6Page - Microchip Technology LPS5030 Datasheet HTML 7Page - Microchip Technology LPS5030 Datasheet HTML 8Page - Microchip Technology LPS5030 Datasheet HTML 9Page - Microchip Technology LPS5030 Datasheet HTML 10Page - Microchip Technology LPS5030 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
© 2011 Microchip Technology Inc.
DS22285A-page 7
MCP16321/2
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, VIN = 12V, EN = Floating (Internally pulled up), CIN =20 µF, COUT =2x22 µF,
L = 4.7 µH (XAL6060-472MEB), ILOAD =200 mA, TA =+25°C. MCP16321 maximum output current = 1A.
FIGURE 2-1:
5V VOUT Efficiency vs. IOUT.
FIGURE 2-2:
3.3V VOUT Efficiency vs.
IOUT.
FIGURE 2-3:
2.5V VOUT Efficiency vs.
IOUT.
FIGURE 2-4:
1.8V VOUT Efficiency vs.
IOUT.
FIGURE 2-5:
1.5V VOUT Efficiency vs.
IOUT.
FIGURE 2-6:
0.9V VOUT Efficiency vs.
IOUT.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
50
55
60
65
70
75
80
85
90
95
100
0.0
0.4
0.8
1.2
1.6
2.0
I
OUT (A)
V
IN = 6V
V
IN = 24V
V
IN = 18V
V
IN = 12V
V
OUT = 5V
50
55
60
65
70
75
80
85
90
95
0
0.4
0.8
1.2
1.6
2
I
OUT (A)
V
IN = 24V
V
IN = 6V
V
IN = 18V
V
IN = 12V
V
OUT = 3.3V
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2
I
OUT (A)
V
IN = 24V
V
IN = 6V
V
IN = 18V
V
IN = 12V
V
OUT = 2.5V
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2
I
OUT (A)
V
IN = 6V
V
IN = 18V
V
IN = 12V
V
OUT = 1.8V
40
45
50
55
60
65
70
75
80
85
90
0
0.4
0.8
1.2
1.6
2
I
OUT (A)
V
IN = 6V
V
IN = 18V
V
OUT = 1.5V
V
IN = 12V
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2
I
OUT (A)
V
IN = 10V
V
IN = 6V
V
IN = 8V
V
OUT = 0.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com