Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOS6020 Datasheet(PDF) 1 Page - Microchip Technology

Part # MOS6020
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MOS6020 Datasheet(HTML) 1 Page - Microchip Technology

  MOS6020 Datasheet HTML 1Page - Microchip Technology MOS6020 Datasheet HTML 2Page - Microchip Technology MOS6020 Datasheet HTML 3Page - Microchip Technology MOS6020 Datasheet HTML 4Page - Microchip Technology MOS6020 Datasheet HTML 5Page - Microchip Technology MOS6020 Datasheet HTML 6Page - Microchip Technology MOS6020 Datasheet HTML 7Page - Microchip Technology MOS6020 Datasheet HTML 8Page - Microchip Technology MOS6020 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2011 Microchip Technology Inc.
DS22285A-page 1
MCP16321/2
Features
• Up to 95% Typical Efficiency
• Input Voltage Range: 6.0V to 24V
• 1A Output Current (MCP16321)
• 2A Output Current (MCP16322)
• Fixed Output Voltages: 0.9V, 1.5V, 1.8V, 2.5V,
3.3V, 5V with 2% Output Voltage Accuracy
• Adjustable Version Output Voltage Range:
0.9V to 5V with 1.5% Reference Voltage Accuracy
• Integrated N-Channel High-Side Switch: 180 mΩ
• Integrated N-Channel Low-Side Switch: 120 mΩ
• 1 MHz Fixed Frequency
• Low Device Shutdown Current
• Peak Current Mode Control
• Internal Compensation
• Stable with Ceramic Capacitors
• Internal Soft-Start
• Cycle-by-Cycle Peak Current Limit
• Undervoltage Lockout (UVLO): 5.75V
• Overtemperature Protection
•VOUT Overvoltage Protection
•VOUT Voltage Supervisor Reported at the PG Pin
• Available Package: QFN-16 (3x3 mm)
Applications
•PIC®/dsPIC® Microcontroller Bias Supply
• 12V Industrial Input DC-DC Conversion
• Set-Top Boxes
• DSL Cable Modems
• Automotive
• Wall Cube Regulation
• SLA Battery Powered Devices
• AC-DC Digital Control Power Source
• Power Meters
•Consumer
• Medical and Health Care
• Distributed Power Supplies
Description
The MCP16321/2 is a highly integrated, high-efficiency,
fixed frequency, synchronous step-down DC-DC
converter in a 16-pin QFN package that operates from
input voltages up to 24V. Integrated features include a
high-side and low-side N-Channel switch, fixed
frequency Peak Current Mode Control, internal
compensation, peak current limit, VOUT overvoltage
protection and overtemperature protection. Minimal
external components are necessary to develop a
complete synchronous step-down DC-DC converter
power supply.
High converter efficiency is achieved by integrating a
high-speed, current limited, low resistance, high-side
N-Channel MOSFET, as well as a high-speed, low
resistance,
low-side
N-Channel
MOSFET
and
associated drive circuitry. High switching frequency
minimizes the size of the inductor and output capacitor,
resulting in a small solution size.
The MCP16321/2 device can supply 1A/2A of
continuous current while regulating the output voltage
from 0.9V to 5V. A high-performance peak current
mode architecture keeps the output voltage tightly
regulated, even during input voltage steps and output
current transient conditions that are common in power
supplies.
The regulator can be turned on and off with a logic level
signal applied to the EN input. The EN input is internally
pulled up to a 4.2V reference and is rated for a
maximum of 6V. With EN low, typically 5 µA of current
is consumed from the input, making the part ideal for
power shedding and load distribution applications. The
PG output is an open drain output pin used to interface
with other components of the system, and can be
pulled up to a maximum of 6V.
The output voltage can either be fixed at output
voltages of 0.9V, 1.5V, 1.8V, 2.5V, 3.3V, 5V or
adjustable using an external resistor divider. The
MCP16321/2 is offered in a 3x3 QFN-16 surface mount
package.
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator
with Power Good Indication


Similar Part No. - MOS6020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
SMT Power Inductor
logo
Coilcraft lnc.
MOS6020 COILCRAFT-MOS6020 Datasheet
456Kb / 2P
Shielded Power Inductors
MOS6020 COILCRAFT-MOS6020 Datasheet
100Kb / 1P
Designer’s Kits
MOS6020-103ML COILCRAFT-MOS6020-103ML Datasheet
201Kb / 2P
SMT Power Inductors
MOS6020-103ML COILCRAFT-MOS6020-103ML Datasheet
195Kb / 2P
Shielded Power Inductors ??MOS6020
More results

Similar Description - MOS6020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Microchip Technology
MCP16323T-ADJE MICROCHIP-MCP16323T-ADJE Datasheet
1Mb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
MCP16321 MICROCHIP-MCP16321_16 Datasheet
678Kb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com