Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1412 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC1412
Description  Multiple Channel 1 Temperature Sensor with Beta Compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1412 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC1412 Datasheet HTML 17Page - SMSC Corporation EMC1412 Datasheet HTML 18Page - SMSC Corporation EMC1412 Datasheet HTML 19Page - SMSC Corporation EMC1412 Datasheet HTML 20Page - SMSC Corporation EMC1412 Datasheet HTML 21Page - SMSC Corporation EMC1412 Datasheet HTML 22Page - SMSC Corporation EMC1412 Datasheet HTML 23Page - SMSC Corporation EMC1412 Datasheet HTML 24Page - SMSC Corporation EMC1412 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Multiple Channel 1°C Temperature Sensor with Beta Compensation
Datasheet
SMSC EMC1412
21
Revision 1.41 (02-23-12)
DATASHEET
6.4.2
Resistance Error Correction (REC)
Parasitic resistance in series with the external diodes will limit the accuracy obtainable from
temperature measurement devices. The voltage developed across this resistance by the switching
diode currents cause the temperature measurement to read higher than the true temperature.
Contributors to series resistance are PCB trace resistance, on die (i.e. on the processor) metal
resistance, bulk resistance in the base and emitter of the temperature transistor. Typically, the error
caused by series resistance is +0.7°C per ohm. The EMC1412 automatically corrects up to 100 ohms
of series resistance.
6.4.3
Programmable External Diode Ideality Factor
The EMC1412 is designed for external diodes with an ideality factor of 1.008. Not all external diodes,
processor or discrete, will have this exact value. This variation of the ideality factor introduces error in
the temperature measurement which must be corrected for. This correction is typically done using
programmable offset registers. Since an ideality factor mismatch introduces an error that is a function
of temperature, this correction is only accurate within a small range of temperatures. To provide
maximum flexibility to the user, the EMC1412 provides a 6-bit register for each external diode where
the ideality factor of the diode used is programmed to eliminate errors across all temperatures.
APPLICATION NOTE: When monitoring a substrate transistor or CPU diode and beta compensation is enabled, the
Ideality Factor should not be adjusted. Beta Compensation automatically corrects for most
ideality errors.
6.5
Diode Faults
The EMC1412 detects an open on the DP and DN pins, and a short across the DP and DN pins. For
each temperature measurement made, the device checks for a diode fault on the external diode
channel(s). When a diode fault is detected, the ALERT pin asserts (unless masked, see Section 6.6)
and the temperature data reads 00h in the MSB and LSB registers (note: the low limit will not be
checked). A diode fault is defined as one of the following: an open between DP and DN, a short from
VDD to DP, or a short from VDD to DN.
If a short occurs across DP and DN or a short occurs from DP to GND, the low limit status bit is set
and the ALERT pin asserts (unless masked). This condition is indistinguishable from a temperature
measurement of 0.000°C (-64°C in extended range) resulting in temperature data of 00h in the MSB
and LSB registers.
If a short from DN to GND occurs (with a diode connected), temperature measurements will continue
as normal with no alerts.
6.6
Consecutive Alerts
The EMC1412 contain multiple consecutive alert counters. One set of counters applies to the ALERT
pin and the second set of counters applies to the THERM pin. Each temperature measurement channel
has a separate consecutive alert counter for each of the ALERT and THERM pins. All counters are
user programmable and determine the number of consecutive measurements that a temperature
channel(s) must be out-of-limit or reporting a diode fault before the corresponding pin is asserted.
See Section 7.11, "Consecutive ALERT Register" for more details on the consecutive alert function.
6.7
Digital Filter
To reduce the effect of noise and temperature spikes on the reported temperature, the External Diode
channel uses a programmable digital filter. This filter can be configured as Level 1, Level 2, or Disabled
(default) (see Section 7.14). The typical filter performance is shown in Figure 6.2 and Figure 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com